Electronic Components Datasheet Search |
|
DBCIDCC160ASA2 Datasheet(PDF) 1 Page - Dubilier |
|
DBCIDCC160ASA2 Datasheet(HTML) 1 Page - Dubilier |
|
1 / 1 page Fax: 01371 875075 www.dubilier.co.uk Tel: 01371 875758 319 OUTLINE DRAWING IDC SHROUDED LATCHED HEADER - STRAIGHT SPECIFICATION ORDERING INFORMATION Industry compatible Competitively priced Black or grey Long or short latch Gold contacts 2.54mm pitch Material & Finish Contact Material: Brass Insulator Material: PBT&Glass-FibreReinforcedUL-94V-0 Current Rating: 2ADC Contact Resistance: 30MΩMax Insulator Resistance: 3000MΩMin Dielectric Withstanding Voltage: 500VACforOneMinute Operating Temperature: -40°Cto+105°C A 5.0 B C D E 2.54 2.54 2.54 8.4 13.2 28.2 DBC IDC C1 10 Dubilier Connectors IDC Connector Series ContactPlating S=Selective Gold G=GoldFlash Features A=LongLatch B=ShortLatch Colour 1=Black 2=Grey 10=10way 14=14way 16=16way 20=20way 24=24way 26=26way 30=30way 34=34way 40=40way 44=44way 50=50way 60=60way 64=64way S ContactMaterial A=Brass A A 1 NºofWays Position A B C D E 10 32.30 10.16 27.68 21.70 18.25 14 37.38 15.24 32.73 26.78 23.33 16 39.92 17.78 35.27 29.32 25.87 20 45.00 22.86 40.35 34.40 30.95 24 50.08 27.94 45.43 39.48 36.03 26 52.62 30.48 47.97 42.02 38.57 30 57.50 35.56 53.50 47.10 43.65 34 62.78 40.64 58.58 52.18 48.73 40 70.40 48.26 66.20 59.80 56.35 44 75.48 53.34 71.28 64.88 61.43 50 83.10 60.96 78.90 57.26 69.05 60 95.80 73.66 91.60 69.96 81.75 64 100.88 78.74 96.88 75.04 86.83 |
Similar Part No. - DBCIDCC160ASA2 |
|
Similar Description - DBCIDCC160ASA2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |