Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDCC134ASA2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCC134ASA2
Description  IDC SHROUDED LATCHED HEADER - STRAIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC134ASA2 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCC134ASA2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
319
OUTLINE DRAWING
IDC
SHROUDED LATCHED HEADER - STRAIGHT
SPECIFICATION
ORDERING INFORMATION
Industry compatible
Competitively priced
Black or grey
Long or short latch
Gold contacts
2.54mm pitch
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL-94V-0
Current Rating:
2ADC
Contact Resistance:
30MΩMax
Insulator Resistance:
3000MΩMin
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
A
5.0
B
C
D
E
2.54
2.54
2.54
8.4
13.2
28.2
DBC
IDC
C1
10
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
S=Selective
Gold
G=GoldFlash
Features
A=LongLatch
B=ShortLatch
Colour
1=Black
2=Grey
10=10way
14=14way
16=16way
20=20way
24=24way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
60=60way
64=64way
S
ContactMaterial
A=Brass
A
A
1
NºofWays
Position
A
B
C
D
E
10
32.30
10.16 27.68 21.70
18.25
14
37.38
15.24 32.73 26.78 23.33
16
39.92
17.78 35.27 29.32 25.87
20
45.00
22.86 40.35 34.40 30.95
24
50.08
27.94 45.43 39.48 36.03
26
52.62
30.48 47.97 42.02 38.57
30
57.50
35.56 53.50 47.10
43.65
34
62.78
40.64 58.58 52.18
48.73
40
70.40
48.26 66.20 59.80 56.35
44
75.48
53.34 71.28 64.88
61.43
50
83.10
60.96 78.90 57.26 69.05
60
95.80
73.66 91.60 69.96
81.75
64
100.88
78.74 96.88 75.04 86.83


Similar Part No. - DBCIDCC134ASA2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC134ASA2 DUBILIER-DBCIDCC134ASA2 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
More results

Similar Description - DBCIDCC134ASA2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1_11 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC7B10BGA1 DUBILIER-DBCIDCC7B10BGA1_11 Datasheet
452Kb / 4P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC7B30BGA1 DUBILIER-DBCIDCC7B30BGA1 Datasheet
99Kb / 1P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1_11 Datasheet
348Kb / 3P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC1D26AGA1 DUBILIER-DBCIDCC1D26AGA1 Datasheet
89Kb / 1P
   IDC SHROUDED LATCHED HEADER - SMT 2.54mm
DBCIDCC44A26BG1 DUBILIER-DBCIDCC44A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER SMT 1.27mm
DBCIDCC210ASA1 DUBILIER-DBCIDCC210ASA1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER - RIGHT ANGLED
DBCIDCC43A26BG1 DUBILIER-DBCIDCC43A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com