Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLRMM1052 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TLRMM1052
Description  TOSHIBA LED Lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRMM1052 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TLRMM1052 Datasheet HTML 5Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 6Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 7Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 8Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 9Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 10Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 11Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 12Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1052(T20)
2009-07-23
9
Packaging
These LED devices are packed in an aluminum envelope with silica gel and a moisture indicator to prevent moisture
absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air before soldering
and they should therefore be stored under the following conditions:
1. This moisture-proof bag may be stored unopened for up to 12 months under the following conditions.
Temperature: 5
°C to 30°C
Humidity: 90% (max)
2. After the moisture-proof bag has been opened, the devices should be assembled within 168 hours in an environment
of 5°C to 30°C/70% RH or below.
3. If, upon opening, the moisture indicator card shows humidity of 30% or above (when the indication color changes to
pink) or the expiration date has passed, the devices should be baked while packed in the tape reel.
After baking, use the baked devices within 72 hours, but perform baking only once.
Baking conditions: 60
±5°C, for 12 to 24 hours.
Expiration date: 12 months from the sealing date, which is imprinted on the same side as this label.
4. Repeated baking may cause the peeling strength of the tape to change, leading to trouble in mounting. Also, be sure
to prevent damage to the device from static electricity during the baking process.
5. Any breakage in the laminate packing material will cause the hermetically of the product to deteriorate. Do not
toss or drop the packed devices.
Mounting Method
Soldering
• Reflow soldering (example)
• The product is evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than max(*) values) as a evaluation. Please perform reflow soldering under the
above conditions.
• Perform the first reflow soldering in accordance with the above temperature profile and within 168 hours of opening
the package.
• Second time reflow
In case of second reflow soldering should be performed within 168 hours of the first reflow under the above conditions.
Storage conditions before the second reflow soldering: 5 to 30
°C, 70% RH max
• Do not perform flow soldering and dip soldering.
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron: Less than 25 W
Temperature: Less than 350
°C or less
Time:
within 3 s (Up to one time per place)
60 to 120 s
10 s max
240
°C max
4
°C/s max
140 to 160
°C
4
°C/s max
Time (s)
Temperature profile for Pb soldering (example)
Time (s)
Temperature profile for Pb-free soldering (example)
150 to 180
°C
4
°C/s max
5 s max
260
°C max
4
°C/s max
230
°C
60 to 120 s
(*)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
max
(*)
max
(*)
max
(*)
30 to 50s max
(*)
max
(*)


Similar Part No. - TLRMM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRMM1050 TOSHIBA-TLRMM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
More results

Similar Description - TLRMM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com