Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLSE1100B Datasheet(PDF) 6 Page - Marktech Corporate

Part # TLSE1100B
Description  TOSHIBA LED Lamps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSE1100B Datasheet(HTML) 6 Page - Marktech Corporate

Back Button TLSE1100B Datasheet HTML 2Page - Marktech Corporate TLSE1100B Datasheet HTML 3Page - Marktech Corporate TLSE1100B Datasheet HTML 4Page - Marktech Corporate TLSE1100B Datasheet HTML 5Page - Marktech Corporate TLSE1100B Datasheet HTML 6Page - Marktech Corporate TLSE1100B Datasheet HTML 7Page - Marktech Corporate TLSE1100B Datasheet HTML 8Page - Marktech Corporate TLSE1100B Datasheet HTML 9Page - Marktech Corporate TLSE1100B Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TL(RE,SE,OE,YE,GE,FGE,PGE)1100B(T11)
2006-05-31
6
TLOE1100B
IF = 20 mA
Ta
= 25°C
0
600
0.4
1.0
0.8
540
640
620
580
560
660
0.6
0.2
1
10
3
75
100
1
0.3
25
5
0.5
−25
0
50
Ta
= 25°C
1
100
30
1.7
2.2
2.1
1.8
2.3
10
3
1.9
50
5
2.0
Forward voltage VF
(V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Ta = 25°C
Radiation pattern
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Ta
= 25°C
10
1000
1
50
500
300
100
30
50
3
5
10
30
100
(typ.)
(typ.)
(typ.)
Wavelength characteristic
(typ.)
(typ.)


Similar Part No. - TLSE1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSE1100B TOSHIBA-TLSE1100B Datasheet
315Kb / 15P
   Panel Circuit Indicator
More results

Similar Description - TLSE1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com