Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTC1510J3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTC1510J3
Description  NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC1510J3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTC1510J3_09 Datasheet HTML 1Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 2Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 3Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 4Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 5Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 6Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C652J3
Issued Date : 2003.05.16
Revised Date :2009.02.04
Page No. : 2/7
BTC1510J3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5
V
IC(DC)
10
Collector Current
IC(Pulse)
15
*1
A
Pd(TA=25℃)
1.75
Power Dissipation
Pd(TC=25℃)
20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : *1. Single Pulse Pw=100ms
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
150
-
-
V
IC=100μA, IE=0
BVCEO
150
-
-
V
IC=1mA, IB=0
ICEO
-
-
200
μA
VCE=150V, IE=0
ICBO
-
-
200
μA
VCB=150V, IE=0
IEBO
-
-
2
mA
VEB=5V, IC=0
*VCE(sat) 1
-
-
1.5
V
IC=5A, IB=10mA
*VCE(sat) 2
-
-
3
V
IC=10A, IB=100mA
*VCE(sat) 3
-
-
2
V
IC=5A, IB=2.5mA
*VBE(sat)
-
-
2
V
IC=5A, IB=5mA
*VBE(on) 1
-
-
2.8
V
VCE=3V, IC=5A
*VBE(on) 2
-
-
4.5
V
VCE=3V, IC=10A
*VFEC
-
-
3
V
IC=5A
*hFE1
2
-
20
K
VCE=3V, IC=5A
*hFE2
100
-
-
-
VCE=3V, IC=10A
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
BTC1510J3
TO-252
(RoHS compliant)
2500 pcs / Tape & Reel
C1510


Similar Part No. - BTC1510J3_09

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC1510J3 CYSTEKEC-BTC1510J3 Datasheet
165Kb / 5P
   NPN Epitaxial Planar Transistor
More results

Similar Description - BTC1510J3_09

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com