Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB1580M3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTB1580M3
Description  PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1580M3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTB1580M3_06 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1580M3_06 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1580M3_06 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1580M3_06 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1580M3_06 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C655M3
Issued Date : 2004.03.18
Revised Date :2006.08.28
Page No. : 1/5
BTB1580M3
CYStek Product Specification
PNP Epitaxial Planar Transistor
BTB1580M3
Description
The BTB1580M3 is a PNP Darlington transistor, designed for use in general purpose amplifier and low
speed switching application. Pb-free package process is adopted.
Equivalent Circuit
Outline
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-4
A
Collector Current (Pulse)
ICP
-6
(Note 1)
A
0.6
W
1
(Note 2)
W
Power Dissipation
Pd
2
(Note 3)
W
208
°C/W
125 (Note 2)
°C/W
Thermal Resistance, Junction to Ambient
RθJA
62.5 (Note 3)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note :
2. When mounted on a FR-4 PCB with area measuring 10×10×1 mm.
1. Single Pulse Pw≦350μs, Duty≦2%.
3. When mounted on a ceramic board with area measuring 40×40×1mm.
BTB1580M3
B
C
E
8k
60
SOT-89
6K
B C E
B:Base
C:Collector
E:Emitter


Similar Part No. - BTB1580M3_06

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1580M3 CYSTEKEC-BTB1580M3 Datasheet
168Kb / 4P
   PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1580M3_06

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com