Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLFGE19TP Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLFGE19TP
Description  TOSHIBA InGaA?밣 LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLFGE19TP Datasheet(HTML) 2 Page - Marktech Corporate

  TLFGE19TP Datasheet HTML 1Page - Marktech Corporate TLFGE19TP Datasheet HTML 2Page - Marktech Corporate TLFGE19TP Datasheet HTML 3Page - Marktech Corporate TLFGE19TP Datasheet HTML 4Page - Marktech Corporate TLFGE19TP Datasheet HTML 5Page - Marktech Corporate TLFGE19TP Datasheet HTML 6Page - Marktech Corporate TLFGE19TP Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLPGE19TP(F),TLFGE19TP(F),TLGE19TP(F),TLPYE19TP(F)
2005-09-12
2
Electrical and Optical Characteristics (Ta
= 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLPGE19TP(F)
558
(562)
14
20
153
500
20
2.1
2.4
20
50
4
TLFGE19TP(F)
565
(568)
15
20
272
800
20
2.0
2.4
20
50
4
TLGE19TP(F)
571
(574)
17
20
476
1300
20
2.0
2.4
20
50
4
TLPYE19TP(F)
580
(583)
14
20
476
2000
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Similar Part No. - TLFGE19TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLFGE19TP TOSHIBA-TLFGE19TP Datasheet
234Kb / 7P
   Panel Circuit Indicator
TLFGE19TP TOSHIBA-TLFGE19TP Datasheet
238Kb / 8P
   Panel Circuit Indicator
TLFGE19TPF TOSHIBA-TLFGE19TPF Datasheet
234Kb / 7P
   Panel Circuit Indicator
TLFGE19TPF TOSHIBA-TLFGE19TPF Datasheet
238Kb / 8P
   Panel Circuit Indicator
More results

Similar Description - TLFGE19TP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T TOSHIBA-TLRE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com