Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB1216J3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # BTB1216J3
Description  PNP Epitaxial Planar High Current (High Performance) Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1216J3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  BTB1216J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C811J3
Issued Date : 2008.12.10
Revised Date : 2009.02.04
Page No. : 6/7
BTB1216J3
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - BTB1216J3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
116Kb / 7P
   12A TRIACS
BTB12 STMICROELECTRONICS-BTB12 Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
logo
Suntac Electronic Corp.
BTB12 SUNTAC-BTB12 Datasheet
87Kb / 4P
   12A Triacs logic level
logo
JIEJIE MICROELECTRONICS...
BTB12 JIEJIE-BTB12 Datasheet
514Kb / 5P
   12A TRIACs
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
More results

Similar Description - BTB1216J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP955E3 CYSTEKEC-BTP955E3 Datasheet
316Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP953L3 CYSTEKEC-BTP953L3 Datasheet
204Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955L3 CYSTEKEC-BTP955L3 Datasheet
209Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP2014L3 CYSTEKEC-BTP2014L3 Datasheet
292Kb / 8P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955J3 CYSTEKEC-BTP955J3 Datasheet
184Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTB4511J3 CYSTEKEC-BTB4511J3 Datasheet
305Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP1955L3 CYSTEKEC-BTP1955L3 Datasheet
264Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955M3 CYSTEKEC-BTP955M3 Datasheet
251Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
logo
KEC(Korea Electronics)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com