Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB1198N3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB1198N3
Description  PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1198N3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB1198N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1198N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1198N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1198N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1198N3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1198N3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C824N3
Issued Date : 2006.06.06
Revised Date :
Page No. : 2/6
BTB1198N3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-50µA
BVCEO
-80
-
-
V
IC=-2mA
BVEBO
-5
-
-
V
IE=-50µA
ICBO
-
-
-0.5
µA
VCB=-50V
IEBO
-
-
-0.5
µA
VEB=-4V
*VCE(sat)
-
-0.16
-0.5
V
IC=-500mA, IB=-50mA
*hFE
120
-
390
-
VCE=-3V, IC=-0.1A
fT
-
180
-
MHz
VCE=-10V, IC=-50mA, f=100MHz
Cob
-
11
-
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE
Rank
Q
R
Range
120~270
180~390
Ordering Information
Device
Package
Shipping
Marking
BTB1198N3
SOT-23
(Pb-free)
3000 pcs / Tape & Reel
AK


Similar Part No. - BTB1198N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1198A3 CYSTEKEC-BTB1198A3 Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-Q-BK-G CYSTEKEC-BTB1198A3-Q-BK-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-Q-TB-G CYSTEKEC-BTB1198A3-Q-TB-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-R-BK-G CYSTEKEC-BTB1198A3-R-BK-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-R-TB-G CYSTEKEC-BTB1198A3-R-TB-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1198N3

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com