Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDCB3S04AG1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCB3S04AG1
Description  FEMALE HEADERS FEMALE HEADER STRAIGHT - 5.2mm PROFILE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCB3S04AG1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCB3S04AG1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
197
FEMALE HEADERS
FEMALE HEADER STRAIGHT - 5.2mm PROFILE
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Single or dual Row
No. of contacts 02-80
Gold plated contacts
2.54mm pitch
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL-94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMax
Insulator Resistance:
3000MΩMin
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
A
B
2.54
5.2
3.5
0.55
2.54
0.45
A
B
2.54
5.2
3.5
0.55
2.54
0.45
A
B
2.54
5.2
3.5
0.55
2.54
0.45
A
B
2.54
5.2
3.5
0.55
2.54
0.45
DBC
IDC
B3
S
04
Dubilier
Connectors
IDC
Connector
Series
NºofRows
S=SingleRow
D=DualRow
ContactPlating
G=GoldFlash
Colour
1=Black
G
ContactMaterial
A=Brass
A
1
NºofContacts/perrow
A = 2.54mm x N° of Contacts
B = (2.54mm x N° of Contacts) -1
A
B
2.54
5.2
3.5
0.55
2.54
0.45
02=2way
Throto
50=50way


Similar Part No. - DBCIDCB3S04AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB10D02AG1 DUBILIER-DBCIDCB10D02AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB10D03AG1 DUBILIER-DBCIDCB10D03AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB10D04AG1 DUBILIER-DBCIDCB10D04AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB10D10AG1 DUBILIER-DBCIDCB10D10AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB10D20AG1 DUBILIER-DBCIDCB10D20AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
More results

Similar Description - DBCIDCB3S04AG1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B03 DBLECTRO-B03 Datasheet
209Kb / 1P
   FEMALE HEADER PROFILE : 5.2mm STRAIGHT
logo
Dubilier
DBCIDCB4S04BG1 DUBILIER-DBCIDCB4S04BG1 Datasheet
126Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 5.5mm PROFILE
DBCIDCB12D04AG1 DUBILIER-DBCIDCB12D04AG1 Datasheet
100Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 8.6mm PROFILE
DBCIDCB1S04AG1 DUBILIER-DBCIDCB1S04AG1_11 Datasheet
1Mb / 15P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 3.5mm PROFILE
DBCIDCB1S04AG1 DUBILIER-DBCIDCB1S04AG1 Datasheet
133Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 3.5mm PROFILE
DBCIDCB2D04AG1 DUBILIER-DBCIDCB2D04AG1 Datasheet
110Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 4.5mm PROFILE
DBCIDCB5S04BS1 DUBILIER-DBCIDCB5S04BS1 Datasheet
135Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 6.6mm PROFILE
DBCIDCB6S04AG1 DUBILIER-DBCIDCB6S04AG1 Datasheet
127Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 8.4mm PROFILE
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB9D04BT1 DUBILIER-DBCIDCB9D04BT1 Datasheet
112Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 8.5mm FORMED LEG PROFILE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com