Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA608A3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTA608A3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA608A3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTA608A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA608A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA608A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA608A3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA608A3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C306A3-S
Issued Date : 2005.09.29
Revised Date :
Page No. : 1 / 5
BTA608A3
CYStek Product Specification
General Purpose PNP Epitaxial Planar Transistor
BTA608A3
Features
• The BTA608A3 is designed for use in driver stage of AF amplifier and general purpose amplification.
• High HFE and excellent linearity
• Large current capability and wide SOA
• Complementary to BTC536A3
• Pb-free package
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current (DC)
IC
-150
mA
Collector Current (Pulse)
ICP
-400
mA
Power Dissipation
Pd
500
mW
Thermal Resistance, Junction to Ambient
RθJA
250
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
TO-92
BTA608A3
B:Base
C:Collector
E:Emitter
E C B


Similar Part No. - BTA608A3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTA60-800B ISC-BTA60-800B Datasheet
384Kb / 3P
   isc Triacs
logo
DONGGUAN YOU FENG WEI E...
BTA60B YFWDIODE-BTA60B Datasheet
564Kb / 3P
   Schottky Diodes
More results

Similar Description - BTA608A3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com