Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4007 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # 1N4007
Description  1.0Amp. Glass Passivated Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

1N4007 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  1N4007 Datasheet HTML 1Page - Cystech Electonics Corp. 1N4007 Datasheet HTML 2Page - Cystech Electonics Corp. 1N4007 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C327LB
Issued Date : 2003.04.17
Revised Date :
Page No. : 3/3
1N400XLB
CYStek Product Specification
DO-41 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0280
0.0340
0.71
0.86
D
1.0000
-
25.40
-
B
1.0000
-
25.40
-
E
0.0800
0.1070
2.00
2.70
C
0.1600
0.2050
4.10
5.20
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
E
B
C
A
D
DO-41 Molded Plastic Package
CYStek Package Code : LB
Marking: On the cylindrical surface


Similar Part No. - 1N4007

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
Diodes Incorporated
1N4007 DIODES-1N4007 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
More results

Similar Description - 1N4007

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
   1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_12 Datasheet
190Kb / 2P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
   1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
   1.0Amp Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com