Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCHJ0661-6 Datasheet(PDF) 1 Page - Dubilier

Part # DBCHJ0661-6
Description  AUDIO PCB 6.4 HEADPHONE JACK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCHJ0661-6 Datasheet(HTML) 1 Page - Dubilier

  DBCHJ0661-6 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
153
ORDERING INFORMATION
AUDIO
PCB 6.4Ø HEADPHONE JACK
SPECIFICATION
DBC
HJ
0661
-3TS
Dubilier
Connectors
6.4ø Headphone
Socket
Connector
Series
Pin Configuration
Blank = PCB Type
S = Wire Soldering
Contacts
-3TS
-3RT
-4SS
-6
Competitively priced
Industry Compatible
PCB Mounting or Wire Soldering
OUTLINE DRAWING
Contact resistance (DCR 0.1A)
1, Initial, before any testing:
(1) Between the terminals (NC): 30mΩ
(2) Plug to sleeve, tip ,ring (NO) contact: 50mΩ
2, After life test with mating plug:
(1) Between the terminals (NC): 60mΩ
(2) Plug to sleeve, tip, ring (NO) contact: 100mΩ
Insertation Force:
0.3kg - 3.0kg
Terminals must withstand a 500g minimum pull for 10 seconds
Extraction Force:
0.3kg - 3.0kg
before movement or break from housing occurs
Soldering Heat:
Terminal for PC board temperature: 260 ± 5˚C for 5 ± 1.0 seconds
Operating Temperature range:
-25˚C to 100˚C
Insulating Resistance:
More than 100MΩ by 500v DC at 90 - 95% RH, 40˚C
Voltage Test:
Withstand 0.5mA 500v AC between any open terminal for one minute
Lifetime:
Withstand more than 5000 cycle’s insertion and withdrawal with testing plug
Rated Voltage:
16vdc
Rated Current:
20mA - 0.3A
METAL RING
TS
RS
SS


Similar Part No. - DBCHJ0661-6

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCHJ0661S-3RT DUBILIER-DBCHJ0661S-3RT Datasheet
552Kb / 3P
   AUDIO PCB 6.4 HEADPHONE JACK
DBCHJ0661S-3TS DUBILIER-DBCHJ0661S-3TS Datasheet
552Kb / 3P
   AUDIO PCB 6.4 HEADPHONE JACK
DBCHJ0661S-4SS DUBILIER-DBCHJ0661S-4SS Datasheet
552Kb / 3P
   AUDIO PCB 6.4 HEADPHONE JACK
DBCHJ0661S-6 DUBILIER-DBCHJ0661S-6 Datasheet
552Kb / 3P
   AUDIO PCB 6.4 HEADPHONE JACK
More results

Similar Description - DBCHJ0661-6

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCHJ0695-2T DUBILIER-DBCHJ0695-2T Datasheet
238Kb / 1P
   AUDIO PCB 6.4 HEADPHONE JACK
DBCHJ0695-2T DUBILIER-DBCHJ0695-2T_11 Datasheet
552Kb / 3P
   AUDIO PCB 6.4 HEADPHONE JACK
DBCHJ0664-3TS DUBILIER-DBCHJ0664-3TS Datasheet
147Kb / 1P
   AUDIO PCB 6.4 HEADPHONE JACK
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0359.2T DUBILIER-DBCEJ0359.2T Datasheet
185Kb / 1P
   AUDIO PCB 3.5 EARPHONE JACK
logo
Kycon, Inc.
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
   PCB Mount 3.5mm Audio Jack
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCDS0507-4 DUBILIER-DBCDS0507-4_11 Datasheet
292Kb / 1P
   AUDIO PCB DIN JACK SOCKETS
logo
Kycon, Inc.
STX3200 KYCON-STX3200 Datasheet
479Kb / 1P
   PCB Mount 3.5mm Audio Jack
logo
Dubilier
DBCDS0507-4 DUBILIER-DBCDS0507-4 Datasheet
288Kb / 1P
   AUDIO PCB DIN JACK SOCKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com