Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3022CW Datasheet(PDF) 7 Page - UNISEM

Part # US3022CW
Description  4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3022CW Datasheet(HTML) 7 Page - UNISEM

  US3022CW Datasheet HTML 1Page - UNISEM US3022CW Datasheet HTML 2Page - UNISEM US3022CW Datasheet HTML 3Page - UNISEM US3022CW Datasheet HTML 4Page - UNISEM US3022CW Datasheet HTML 5Page - UNISEM US3022CW Datasheet HTML 6Page - UNISEM US3022CW Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
US3022
4-7
Rev. 1.0
11/2/99
TYPICAL APPLICATION
TYPICAL APPLICATION
5VSB
6MV1500DX
23
28
16
1
9
11
18
19
15
14
17
12
3
5
6
7
8
20
21
22
24
25
26
27
4
13
US3022
Vref(2V)
VID3
VID2
VID1
VID0
6MV1500DX
2
10
Fault/Rt
The Vref(2V) can be used to provide reference for
the ACPI regulatos. In this application the ACPI
regulators are designed using op-amp and discrete
transistors.
C4
220PF
Q1
IRL3103S
+
C2
1500uf
+
C3
1500uf
+
C7
1500uf
R2
5.1
Q3
IRL3103S
R3
5.1
+
C8
1500uf
+
C9
1500uf
+
C10
1500uf
+
C11
1500uf
+
C12
1500uf
R1
2.21K
L2
2.5UH
C5
1UF
L1
1UH
+
C1
680uf
Q2
IRL3103S
+
C13
680uf
+
C6
220UF
C14
1UF
C18
0.1uF
+
C16
680uf
+
C15
680uf
Q6
PMBT2222A
+
C17
220uf
C19
0.1uF
Q5
MJD200
Q4
MJD200
VCORE
12V
+5Vin
Vout2(1.5V or 3.3V)
3.3Vin
Vout3 (1.5V)
TYPE DETECT#
Vout4(1.8V)
PGood
Vout5(2.5V)
Figure 2 - Typical application of US3022 for an on board DC-DC converter providing power for the Vcore , GTL+,
1.8V chip set supply, 2.5V clock supply as well as auto select AGP supply for the next generation PC applica-
tions.


Similar Part No. - US3022CW

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021BCW UNISEM-US3021BCW Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021MCW UNISEM-US3021MCW Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
More results

Similar Description - US3022CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
International Rectifier
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
logo
UNISEM
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com