Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCEJ0359T-5 Datasheet(PDF) 1 Page - Dubilier

Part # DBCEJ0359T-5
Description  AUDIO PCB 3.5 EARPHONE JACK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCEJ0359T-5 Datasheet(HTML) 1 Page - Dubilier

  DBCEJ0359T-5 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
146
ORDERING INFORMATION
AUDIO
PCB 3.5Ø EARPHONE JACK
SPECIFICATION
DBC
EJ
0359
-2T
Dubilier
Connectors
3.5Ø Earphone
Socket
Connector
Series
Thread
Blank = Without
Thread
T = Thread
Contacts
-2T
-3RT
-3TS
-4R
-4T
--5
Competitively priced
Industry Compatible
PCB Mounting or Wire Soldering
Thread mounting option
OUTLINE DRAWING
Contact resistance (DCR 0.1A)
1, Initial, before any testing:
(1) Between the terminals (NC): 30mΩ
(2) Plug to sleeve, tip ,ring (NO) contact: 50mΩ
2, After life test with mating plug:
(1) Between the terminals (NC): 60mΩ
(2) Plug to sleeve, tip, ring (NO) contact: 100mΩ
Insertation Force:
0.3kg - 2.0kg
Terminals must withstand a 500g minimum pull for 10 seconds
Extraction Force:
0.3kg - 2.0kg
before movement or break from housing occurs
Soldering Heat:
Terminal for PC board temperature: 260 ± 5˚C for 5 ± 1.0 seconds
Operating Temperature range:
-25˚C to 80˚C
Insulating Resistance:
More than 100mΩ by 500v DC at 90 - 95% RH, 40˚C
Voltage Test:
Withstand 0.5mA 500v AC between any open terminal for one minute
Lifetime:
Withstand more than 5000 cycle’s insertion and withdrawal with testing plug
Rated Voltage:
16vdc
Rated Current:
20mA - 0.3A
5.0
or
M6 THREAD


Similar Part No. - DBCEJ0359T-5

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
More results

Similar Description - DBCEJ0359T-5

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0381-3RT DUBILIER-DBCEJ0381-3RT Datasheet
107Kb / 1P
   AUDIO SMT 3.5mm EARPHONE JACK
logo
Adam Technologies, Inc.
RCA-122-3-P3NK ADAM-TECH-RCA-122-3-P3NK Datasheet
71Kb / 1P
   EARPHONE JACK
logo
CUI INC
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
   3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
   3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
   3.5 MM AUDIO JACK
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
   3.5 MM AUDIO JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com