Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCDPH15YEL Datasheet(PDF) 1 Page - Dubilier

Part # DBCDPH15YEL
Description  D TYPE CONNECTOR HOODS PLASTIC HOODS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCDPH15YEL Datasheet(HTML) 1 Page - Dubilier

  DBCDPH15YEL Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
273
D TYPE CONNECTOR HOODS
PLASTIC HOODS
OUTLINE DRAWING
ORDERING INFORMATION
One Piece Design
Black, Grey, Green, Red, Blue or
Yellow Available
9, 15, 25 or 37 way
UL Approved
DBC
D
Dubilier
Connectors
Dstyle
PH
HoodStyle
PH=Plastic
Hood
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
09
Colour
BLK=Black
GRY=Grey
GRN=Green
RED=Red
BLU=Blue
YEL=Yellow
BLK
A
B
Max Cable O.D.
9WAY
35.0
17
8.4
15WAY
41.0
16
12
25WAY
54.5
15
12
37WAY
71.0
17
14
Dimension-mm
A
B
15.5
A
53.5
B


Similar Part No. - DBCDPH15YEL

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDPH15YEL DUBILIER-DBCDPH15YEL Datasheet
704Kb / 6P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
More results

Similar Description - DBCDPH15YEL

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDPH09BLK DUBILIER-DBCDPH09BLK_11 Datasheet
704Kb / 6P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDDH09NKL DUBILIER-DBCDDH09NKL Datasheet
96Kb / 1P
   D TYPE CONNECTOR HOODS DIECAST HOODS
DBCDEH1 DUBILIER-DBCDEH1 Datasheet
117Kb / 1P
   D TYPE CONNECTOR HOODS ETHERNET AND THINNERNET HOODS
DBCDMPH09 DUBILIER-DBCDMPH09 Datasheet
111Kb / 1P
   D TYPE CONNECTOR HOOD METALISED PLASTIC HOODS
DBCDPSH09BLK DUBILIER-DBCDPSH09BLK Datasheet
246Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC SCREW TOGETHER HOOD
DBCDMPHLC09 DUBILIER-DBCDMPHLC09 Datasheet
175Kb / 1P
   D TYPE CONNECTOR HOODS LOW COST METALISED PLASTIC HOOD
logo
FCI connector
8655MH1501 FCI-CONNECTOR-8655MH1501 Datasheet
116Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
8655MH3701 FCI-CONNECTOR-8655MH3701 Datasheet
141Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
C-8655-1685 FCI-CONNECTOR-C-8655-1685 Datasheet
321Kb / 4P
   STRAIGHT METAL HOODS
logo
Assmann Electronics Inc...
A-USBPA-HOOD-R ASSMANN-A-USBPA-HOOD-R Datasheet
176Kb / 1P
   Hoods for USB-Assembly, Type A, Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com