Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3011 Datasheet(PDF) 10 Page - UNISEM

Part # US3011
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3011 Datasheet(HTML) 10 Page - UNISEM

Back Button US3011 Datasheet HTML 3Page - UNISEM US3011 Datasheet HTML 4Page - UNISEM US3011 Datasheet HTML 5Page - UNISEM US3011 Datasheet HTML 6Page - UNISEM US3011 Datasheet HTML 7Page - UNISEM US3011 Datasheet HTML 8Page - UNISEM US3011 Datasheet HTML 9Page - UNISEM US3011 Datasheet HTML 10Page - UNISEM US3011 Datasheet HTML 11Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
4-10
Rev. 1.3
12/8/00
US3011
Following the same procedure for the Schottcky diode
results in a heatsink with
θsa = 25 °C/W. Although it is
possible to select a slightly smaller heatsink, for sim-
plicity the same heatsink as the one for the high side
MOSFET is also selected for the synchronous MOSFET.
Switcher Current Limit Protection
The PWM controller uses the MOSFET Rds-on as the
sensing resistor to sense the MOSFET current and com-
pares to a programmed voltage which is set externally
via a resistor (Rcs) placed between the drain of the
MOSFET and the “CS+” terminal of the IC as shown in
the application circuit. For example, if the desired cur-
rent limit point is set to be 22A and from our previous
selection, the maximum MOSFET Rds-on=19m
Ω, then
the current sense resistor, Rcs is calculated as :
Vcs=IcL*Rds=22*0.019=0.418V
Rcs=Vcs/Ib=(0.418V)/(200uA)=2.1k
Where: Ib=200uA is the internal current setting of the
device
Switcher Timing Capacitor Selection
The switching frequency can be programmed using an
external timing capacitor. The value of Ct can be ap-
proximated using the equation below:
Switcher Output Voltage Adjust
As it was discussed earlier,the trace resistance from
the output of the switching regulator to the Slot 1 can be
used to the circuit advantage and possibly reduce the
number of output capacitors, by level shifting the DC
regulation point when transitioninig from light load to full
load and vice versa. To account for the DC drop, the
output of the regulator is typically set about half the DC
drop that results from light load to full load. For example,
if the total resistance from the output capacitors to the
F
C
Where
C =Ti
g Capacitor
F
Switching Frequency
SW
T
T
SW
×
=
3 5 10
5
.
:
min
If, F =
kHz :
C
pF
SW
T
200
3 5 10
200 10
175
5
3
×
×
=
.
Slot 1 and back to the GND pin of the device is 5m
Ω and
if the total
∆I, the change from light load to full load is
14A, then the output voltage measured at the top of the
resistor divider which is also connected to the output
capacitors in this case, must be set at half of the 70 mV
or 35mV higher than the DAC voltage setting. To do this,
the top resistor of the resistor divider, Rtop is set at 100
Ω,
and the bottom resistor, Rb is calculated. For example,
if DAC voltage setting is for 2.8V and the desired output
under light load is 2.835V, then Rb is calculated using
the following formula :
Rb= 100*
{Vdac /(Vo - 1.004*Vdac)} [Ω]
Rb= 100*
{2.8 /(2.835 - 1.004*2.800)} = 11.76 kΩ
Select 11.8 k
Ω , 1%
Note: The value of the top resistor must not exceed
100
Ω. The bottom resistor can then be adjusted to raise
the output voltage.
Soft Start Capacitor Selection
The soft start capacitor must be selected such that dur-
ing the start up when the output capacitors are charging
up, the peak inductor current does not reach the current
limit treshold. A minimum of 1uF capacitor insures this
for most applications. An internal 10uA current source
charges the soft start capacitor which slowly ramps up
the inverting input of the PWM comparator Vfb3. This
insures the output voltage to ramp at the same rate as
the soft start cap thereby limiting the input current. For
example, with 1uF and the 10uA internal current source
the ramp up rate is (
∆V/ ∆t)=I/C = 1V/100mS. Assum-
ing that the output capacitance is 9000uF, the maxi-
mum start up current will be:
I=9000uF*(1V/100mS)=0.09A
Input Filter
It is highly recommended to place an inductor between
the system 5V supply and the input capacitors of the
switching regulator to isolate the 5V supply from the
switching noise that occurs during the turn on and off of
the switching components. Typically an inductor in the
range of 1 to 3 uH will be sufficient in this type of appli-
cation.
Switcher External Shutdown
The best way to shutdown the part is to pull down on the
soft start pin using an external small signal transistor
such as 2N3904 or 2N7002 small signal MOSFET. This
allows slow ramp up of the output, the same as the power
up.


Similar Part No. - US3011

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010ACW UNISEM-US3010ACW Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010CW UNISEM-US3010CW Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - US3011

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com