Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSM0302AZ-HR-A Datasheet(PDF) 3 Page - Marktech Corporate

Part # MTSM0302AZ-HR-A
Description  1.8mm AXIAL LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTSM0302AZ-HR-A Datasheet(HTML) 3 Page - Marktech Corporate

  MTSM0302AZ-HR-A Datasheet HTML 1Page - Marktech Corporate MTSM0302AZ-HR-A Datasheet HTML 2Page - Marktech Corporate MTSM0302AZ-HR-A Datasheet HTML 3Page - Marktech Corporate MTSM0302AZ-HR-A Datasheet HTML 4Page - Marktech Corporate MTSM0302AZ-HR-A Datasheet HTML 5Page - Marktech Corporate MTSM0302AZ-HR-A Datasheet HTML 6Page - Marktech Corporate MTSM0302AZ-HR-A Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTSM0302AZ-HR-A
1.8mm AXIAL LED LAMP
VER.: 01
Date: 2007/10/04
Page: 2/6
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
72
mW
Reverse Voltage
VR
5
V
D.C. Forward Current
If
30
mA
Peak Current(1/10Duty Cycle,0.1ms Pulse Width.)
If(Peak)
100
mA
Operating Temperature Range
Topr.
-40 to +100
Storage Temperature Range
Tstg.
-40 to +100
Soldering Temperature
Tsld.
Reflow Soldering: 260℃ for 10 sec.
Electrical and Optical Characteristics:
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Luminous Intensity
IV
If=20mA
622
1050
mcd
Forward Voltage
Vf
If=20mA
1.9
2.4
V
Peak Wavelength
λp
If=20mA
650
nm
Dominant Wavelength
λd
If=20mA
639
nm
Reverse Current
Ir
Vr=5V
100
µA
Viewing Angle
2θ1/2
If=20mA
36
deg
Spectrum Line Halfwidth
λ
If=20mA
20
nm
Notes: 1.The datas tested by IS tester.
2. Customer’s special requirements are also welcome.


Similar Part No. - MTSM0302AZ-HR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM0302AZ-HR MARKTECH-MTSM0302AZ-HR Datasheet
421Kb / 2P
   Z−Bend SMT LED
More results

Similar Description - MTSM0302AZ-HR-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-204XX ETC1-L-204XX Datasheet
125Kb / 1P
   1.8mm Dia TOWER TYPE LED LAMP
logo
BRIGHT LED ELECTRONICS ...
BL-XE1361-TR8 BRIGHT-BL-XE1361-TR8 Datasheet
453Kb / 7P
   AXIAL TYPE LED LAMP
BL-X2361 BRIGHT-BL-X2361 Datasheet
258Kb / 6P
   AXIAL TYPE LED LAMP
BL-X4361 BRIGHT-BL-X4361 Datasheet
232Kb / 6P
   AXIAL TYPE LED LAMP
BL-XE1361-TR7 BRIGHT-BL-XE1361-TR7_2 Datasheet
207Kb / 7P
   AXIAL TYPE LED LAMP
BL-XG0361-F2 BRIGHT-BL-XG0361-F2 Datasheet
264Kb / 6P
   AXIAL TYPE LED LAMP
logo
P-tec Corporation
PL011-CDG13 P-TEC-PL011-CDG13 Datasheet
35Kb / 1P
   1.8mm LED
PL011-CDR12 P-TEC-PL011-CDR12 Datasheet
29Kb / 1P
   1.8mm LED
PL011-CDR12 P-TEC-PL011-CDR12 Datasheet
29Kb / 1P
   1.8mm LED
logo
Kingbright Corporation
WP2060ID KINGBRIGHT-WP2060ID Datasheet
412Kb / 6P
   1.8mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com