Electronic Components Datasheet Search |
|
US1208CS Datasheet(PDF) 1 Page - UNISEM |
|
US1208CS Datasheet(HTML) 1 Page - UNISEM |
1 / 7 page US1206/1207/1208/1209 2-1 Rev. 1.1 6/26/00 TYPICAL APPLICATION TYPICAL APPLICATION DESCRIPTION DESCRIPTION The US1206 family of devices are ultra low dropout 1A regulators using PNP transistor as the pass element. These products are ideal when a single input supply is available only and the dropout voltage is less than 1V, exceeding the minimum dropout characteristics of NPN/ PNP hybrid regulators. One common application of these regulators are where input is 3.3V and a 2.5V output is needed. Besides the low dropout of less than 0.5V, other fea- tures of the family of the parts are; micropower shutdown capability and output UVLO detection where Flag pin is switched low when output is below 5% of its nominal point. The US1206-XX in SOT223 is pin compatible with MIC39100-XX, US1207 and 1209 in SO8 power package are compatible with MIC39101 and 39102 respectively. 1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR FEATURES FEATURES Low Droput Voltage (500mV at 1A) 1% Voltage Reference Accuracy Low Ground Current 10uA Quiescent Current in Shutdown (US1207,1208) Fast Transient Response Current Limit and Thermal Shutdown Error Flag Signal for Output out of Regulation (US1207,1209) Pin Compatible with MIC39100/101/102 series APPLICATIONS APPLICATIONS 2.5V Supply from 3.3V Input for the new genera- tion of Logic ICs Computer Mother Board, Add on Cards High Efficiency Post Regulator in SMPS PRELIMINARY DATASHEET PACKAGE ORDER INFORMATION PACKAGE ORDER INFORMATION Vin Vout C1 C2 1206app1-1.0 US1206-XX 1 2 3 Vin Gnd Vout Tj (°C) 3 LEAD 5 LEAD 8 PIN PLASTIC Voltage Pin Functions TO252 TO263 SOIC Power 0 TO 125 US1206-18CD US1206-18CY US1206-18CM 1.8V Vin, Vout, GND 0 TO 125 US1206-25CD US1206-25CY US1206-25CM 2.5V Vin, Vout, GND 0 TO 125 US1206-33CD US1206-33CY US1206-33CM 3.3V Vin, Vout, GND 0 TO 125 NA US1207-18CM US1207CS 1.8V Vin, Vout, GND, Enable, Flag 0 TO 125 NA US1207-25CM US1207CS 2.5V Vin, Vout, GND, Enable, Flag 0 TO 125 NA US1207-33CM US1207CS 3.3V Vin, Vout, GND, Enable, Flag 0 TO 125 NA US1208CM US1208CS Adj Vin, Vout, GND, Flag, Adj 0 TO 125 NA US1209CM US1209CS Adj Vin, Vout, GND, Adj, Enable |
Similar Part No. - US1208CS |
|
Similar Description - US1208CS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |