Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCDINF24HCABC1S2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCDINF24HCABC1S2
Description  DIN 41612 TYPE HALF C (HC) - FEMALE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCDINF24HCABC1S2 Datasheet(HTML) 1 Page - Dubilier

  DBCDINF24HCABC1S2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
241
DIN 41612
TYPE HALF C (HC) – FEMALE
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material
Insulator:
Glass filled polyester
(PBT, UL flammability 94V-0)
Contacts:
Female copper alloy, male brass
Contact finish:
Contact area: Gold over nickel (per requirements
of performance class 3, class 2)
Termination area: Tin - plated or Gold-plated for
long wrap post
Mechanical
Insertion force:
48 contacts max. 45N
32 contacts max. 30N
24 contacts max.25N
16 contacts max. 15N
Withdrawal force per contact: min 0.15N
Temperature range:
-55°C to +125°C
Air and creepage distance 1.2mm min.
Electrical
Current rating:
20°C 2A
70°C 1A
100°C 0.5A
Contact resistance:
≤20mΩ (testing current 100mA)
≤40mΩ after 400 mating cycles
Capacitance between
adjacent contacts:
Appr. 2pF
Insulation resistance: ≥1012
(between adjacent contacts at 100 VDC)
Test voltage:
1,000Vrms between contacts (2.54mm spacing)
1,550Vrms between contacts (5.08mm spacing)
1,550Vrms between contacts and body
Operating voltage:
250V AC
Agency approval
U/L Electric rating:
250V, 2A
Mating Cycles:
Class 2 = 400
Class 3 = 50
44
4
4
4
16, 24, 32 and 48 Contacts
3 Rows
Class 2 and 3
2.54mm(0.1”), 5.08mm(0.2” Half loaded) Pitch
High Reliability
UL Approved
DBC
DIN
F
16
HC
Dubilier
Connectors
Series
DIN 41612
Connector Type
F = Female
Nº of Ways
16 =16 ways
24 = 24 ways
32 = 32 ways
48 = 48 ways
Housing Style
HC = Half C
Position of
Contacts
A, AB, AC, ABC,
ABC1 = A+B+C
even n°.
AC1=AC even n°.
Quality Class
3 = class 3
2 = class 2
A
S
3
Termination Style
S = Straight Solder
Tail length options available on request
PCB LAYOUT
3.7
Ø2.5
48.26
13
46.9
44.6
1a
1b
1c
54 MAX
48.26±0.1
15x2.54=38.1
11.1 MAX
2.54
6
3 -0.4
6.4
2.54
8.7
18
2.54
2.54
2.54
3.5 ±0.1
15x2.54=38.1
5.3 ±0.1
2.54 ±0.1
0.95 +0.15 Ø0.05
a b c
a
b
c
1 2 3 4
a
b
c
1 2 3 4
+
+ + +
a
b
c
1 2 3 4
+
+ + +
a
b
c
1 2 3 4
+
+ + +
+
+ + +
a
b
c
1 2 3 4
+
+
+
+
+ +
a
b
c
1 2 3 4
+ +
+
+ +
+
+ +
c
b
a
c
b
a
c
b
a
c
b
a
c
b
a
c
b
a


Similar Part No. - DBCDINF24HCABC1S2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDINF24HRABC1RA2 DUBILIER-DBCDINF24HRABC1RA2 Datasheet
180Kb / 1P
   DIN 41612 TYPE HALF R (REVERSED) - FEMALE
DBCDINF24HRABC1RA3 DUBILIER-DBCDINF24HRABC1RA3 Datasheet
180Kb / 1P
   DIN 41612 TYPE HALF R (REVERSED) - FEMALE
DBCDINF24HRABCRA2 DUBILIER-DBCDINF24HRABCRA2 Datasheet
180Kb / 1P
   DIN 41612 TYPE HALF R (REVERSED) - FEMALE
DBCDINF24HRABCRA3 DUBILIER-DBCDINF24HRABCRA3 Datasheet
180Kb / 1P
   DIN 41612 TYPE HALF R (REVERSED) - FEMALE
DBCDINF24HRABRA2 DUBILIER-DBCDINF24HRABRA2 Datasheet
180Kb / 1P
   DIN 41612 TYPE HALF R (REVERSED) - FEMALE
More results

Similar Description - DBCDINF24HCABC1S2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDINM16HCAS3 DUBILIER-DBCDINM16HCAS3 Datasheet
217Kb / 1P
   DIN 41612 TYPE HALF C (HC) - MALE
DBCDINM16HCAS3 DUBILIER-DBCDINM16HCAS3_11 Datasheet
584Kb / 2P
   DIN 41612 TYPE HALF C (HC) - MALE
DBCDINF48CABS3 DUBILIER-DBCDINF48CABS3 Datasheet
539Kb / 1P
   DIN 41612 TYPE C - FEMALE
DBCDINF16HBABS3 DUBILIER-DBCDINF16HBABS3 Datasheet
341Kb / 1P
   DIN 41612 TYPE HALF B (HB) - FEMALE
DBCDINF16HQARA3 DUBILIER-DBCDINF16HQARA3 Datasheet
207Kb / 1P
   DIN 41612 TYPE HALF Q (REVERSED) - FEMALE
DBCDINF16HRARA3 DUBILIER-DBCDINF16HRARA3 Datasheet
180Kb / 1P
   DIN 41612 TYPE HALF R (REVERSED) - FEMALE
logo
Adam Technologies, Inc.
DIN-20FS-S22-A1CX ADAM-TECH-DIN-20FS-S22-A1CX Datasheet
86Kb / 1P
   DIN TYPE HALF C FEMALE 20 PINS
logo
Dubilier
DBCDINM96CABCS3 DUBILIER-DBCDINM96CABCS3 Datasheet
437Kb / 1P
   DIN 41612 TYPE C - MALE
logo
Adam Technologies, Inc.
DIN-32MR-S32-A1CX ADAM-TECH-DIN-32MR-S32-A1CX Datasheet
89Kb / 1P
   DIN TYPE HALF C MALE
DIN-32MR-S32-A1CX-BL ADAM-TECH-DIN-32MR-S32-A1CX-BL Datasheet
89Kb / 1P
   DIN TYPE HALF C MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com