Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2075 Datasheet(PDF) 1 Page - UNISEM

Part # US2075
Description  PWM SWITCHER CONTROLLER & 7.5A LOW DROPOUT REGULATOR COMBO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US2075 Datasheet(HTML) 1 Page - UNISEM

  US2075 Datasheet HTML 1Page - UNISEM US2075 Datasheet HTML 2Page - UNISEM US2075 Datasheet HTML 3Page - UNISEM US2075 Datasheet HTML 4Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US2075
4-1
Rev. 1.2
4/26/98
PWM SWITCHER CONTROLLER & 7.5A
LOW DROPOUT REGULATOR COMBO
TYPICAL APPLICATION
TYPICAL APPLICATION
Typical application of US2075 in a flexible mother board designed for Intel P55
™,P54™
AMD K5,K6
™ as well as Cyrix M1™ and M2™ applications.
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
Tj (
°C)
7 PIN PLASTIC
7 PIN PLASTIC
TO220 (T)
TO263 (M)
0 TO 125
US2075CT
US2075CM
Notes: P54C,P55C are trade marks of Intel Corp. K5 & K6 are trade marks of AMD corp. Cyrix 6X86L,M1,M2 are trade marks of Cyrix
Corp. Power PC is trade mark of IBM Corp.
DESCRIPTION
DESCRIPTION
The US2075 is a dual function IC combining a switching
controller and a 7.5A low dropout regulator all in a com-
pact 7 pin TO220 and TO263 surface mount pack-
ages providing a total solution for dual supply proces-
sor applications such as an Intel P55C
™, AMD K6™,
as well as Cyrix 6X86L
™ and the M2™processors.
Typically in these applications a dual supply regulator
converts 5V to 3.3V for I/O supply and a jumper pro-
grammable supply of 2.8V to 3.5V for CORE supply .The
linear regulator portion in the US2075 is a fixed 3.30V
output and has a minimum of 7.5A current capability
designed to provide ample current for most applications
while the switching regulator controller uses the 5V sup-
ply to power the controller and the 12V supply to drive
the power MOSFET, allowing a low cost N- MOS switch
to be used. The IC also includes an error comparator for
fastest transient response, a precise voltage reference
for setting the output voltage as well as a direct drive of
the MOSFET for the minimum part count.
FEATURES
FEATURES
The US2075 eliminates the need for a
seperate switching controller IC
Minimum part count allows lower system cost
Fixed 3.30V/7.5A LDO on board
On board MOSFET driver
Fastest transient response of any controller
method. ( 0 to 100% Duty Cycle in 100 nS )
1% internal voltage reference
Internal Thermal shutdown
Internal Under Voltage Lockout protects
MOSFET during start-up
APPLICATIONS
APPLICATIONS
Dual supply low voltage processor applications,
such as: P55C
™,CYRIX M2™, POWER PC™ and
AMD
PATENT PENDING
5V
2.8V / 10A
12V
3.30V / 7.5A
2075ap1a-1.0
US2075
Drv
V12
Vfb
Gnd
Vhyst
Vout
V5
1
2
3
4
5
6
7


Similar Part No. - US2075

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2075A UTC-US2075A Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A-S08-R UTC-US2075A-S08-R Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A-S08-T UTC-US2075A-S08-T Datasheet
137Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results

Similar Description - US2075

ManufacturerPart #DatasheetDescription
logo
UNISEM
US2076 UNISEM-US2076 Datasheet
45Kb / 4P
   PWM SWITCHER CONTROLLER & 7.5A ADJUSTABLE LOW DROPOUT REGULATOR COMBO
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
   7.5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com