Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1261CT Datasheet(PDF) 4 Page - UNISEM

Part # US1261CT
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1261CT Datasheet(HTML) 4 Page - UNISEM

  US1261CT Datasheet HTML 1Page - UNISEM US1261CT Datasheet HTML 2Page - UNISEM US1261CT Datasheet HTML 3Page - UNISEM US1261CT Datasheet HTML 4Page - UNISEM US1261CT Datasheet HTML 5Page - UNISEM US1261CT Datasheet HTML 6Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US1261
3-4
Rev. 1.7
3/22/99
APPLICATION INFORMATION
APPLICATION INFORMATION
Introduction
The US1261 is a dual fixed output Low Dropout (LDO)
regulator available in a 5 pin TO-220 or TO-263 pack-
ages. This voltage regulator is designed specifically for
PentiumII processor applications requiring 2.5V and 1.5
V supplies, eliminating the need for a second regu-
lator resulting in lower overall system cost. The
US1261 is designed to take advantage of 5V supply to
provide the drive for the pass transistor, allowing 2.5V
supply to be generated from 3.3V input.This feature im-
proves the power dissipation of the 2.5V regulator sub-
stantially allowing a smaller heat sink to be used for the
application. Compared to the US1260 dual adjustable
regulator, the US1261 includes the resistor dividers that
are otherwise needed with the US1260, eliminating 4
external components and their tolerances, resulting in a
more accurate initial accuracy for each output voltage.
Other features of the device include; fast response to
sudden load current changes, such as GTL+ termina-
tion application and thermal shutdown protection to pro-
tect the device if an overload condition occurs.
Stability
The US1261 requires the use of an output capacitor as
part of the frequency compensation in order to make the
regulator stable. Typical designs for the microproces-
sor applications use standard electrolytic capacitors with
typical ESR in the range of 50 to 100 m
Ω and the output
capacitance of 500 to 1000uF. Fortunately as the ca-
pacitance increases, the ESR decreases resulting in a
fixed RC time constant. The US1261 takes advantage of
this phenomena in making the overall regulator loop
stable. For most applications a minimum of 100uF alu-
minum electrolytic capacitor with the maximum ESR of
0.3
Ω such as Sanyo, MVGX series ,Panasonic FA se-
ries as well as the Nichicon PL series insures both sta-
bility and good transient response. The US1261 also
requires a 1 uF ceramic capacitor connected from Vin
to Vctrl and a 10
Ω, 0.1W resistor in series with Vctrl pin
in order to further insure stability.
Thermal Design
The US1261 incorporates an internal thermal shutdown
that protects the device when the junction temperature
exceeds the maximum allowable junction temperature.
Although this device can operate with junction tempera-
tures in the range of 150
°C ,it is recommended that the
selected heat sink be chosen such that during maxi-
mum continuous load operation the junction tempera-
ture is kept below this number. Two examples are given
which shows the steps in selecting the proper regulator
heat sink for driving the Pentium II processor GTL+ ter-
mination resistors and the Clock IC using 1261 in TO220
and TO-263 packages.
Example # 1
Assuming the following specifications :
The steps for selecting a proper heat sink to keep the
junction temperature below 135
°C is given as :
1) Calculate the maximum power dissipation using :
2) Select a package from the datasheet and record its
junction to case (or Tab) thermal resistance.
Selecting TO220 package gives us :
3) Assuming that the heat sink is Black Anodized, cal-
culate the maximum Heat sink temperature allowed :
Assume ,
θCS = 0.05 °C/W (Heat sink to Case thermal
resistance for Black Anodized)
4) With the maximum heat sink temperature calculated
in the previous step, the Heat Sink to Air thermal resis-
tance
θSA is calculated as follows :
5) Next , a heat sink with lower
θSA than the one calcu-
lated in step 4 must be selected. One way to do this is
to simply look at the graphs of the “Heat Sink Temp
Rise Above the Ambient” vs. the “Power Dissipation” and
V
3.3V
V
1.5 V
V
= 2.5 V
I
5.4A
I
= 0.4 A
T
35 C
IN
OUT 2
OUT 1
OUT 2
OUT 1
A
MAX
MAX
=
=
=
=
°
(
)
(
)
T
T
P
T
135
10
2.7
0.05
107.4 C
S
J
D
S
=
×
+
=
×
+
=
°
θ
θ
JC
CS
T
S
A
T
T
C
=
=
=
°
107 4
35
72 4
.
.
θ
θ
SA
T
D
SA
P
C W
=
=
=
°
72 4
10
7 24
.
.
/
(
)
(
)
(
)
(
)
P
I
V
V
I
V
V
P
0.4
+ 5.4
3.3
1.5
W
D
OUT1
IN
OUT1
OUT2
IN
OUT2
D
=
×
+
×
=
×
×
=
3 3
2 5
10
.
.
θJC
C W
= °
2 7
.
/


Similar Part No. - US1261CT

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1260CM UNISEM-US1260CM Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1260CP UNISEM-US1260CP Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1260CT UNISEM-US1260CT Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - US1261CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com