Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM1S-WKW-CTbVb153 Datasheet(PDF) 6 Page - Cree, Inc

Part # CLM1S-WKW-CTbVb153
Description  PLCC2 1-in-1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1S-WKW-CTbVb153 Datasheet(HTML) 6 Page - Cree, Inc

  CLM1S-WKW-CTbVb153 Datasheet HTML 1Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 2Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 3Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 4Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 5Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 6Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 7Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 8Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
CLD-CT1126.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual
parameters of each single LED. Hence, these data will be changed without further notice.




























































































Similar Part No. - CLM1S-WKW-CTbVb153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1S-WKW-CTbVb153 MARKTECH-CLM1S-WKW-CTbVb153 Datasheet
527Kb / 9P
   Cree짰 PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM1S-WKW-CTbVb153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
CLM3C MARKTECH-CLM3C_15 Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com