Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1260 Datasheet(PDF) 8 Page - UNISEM

Part # US1260
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1260 Datasheet(HTML) 8 Page - UNISEM

  US1260 Datasheet HTML 1Page - UNISEM US1260 Datasheet HTML 2Page - UNISEM US1260 Datasheet HTML 3Page - UNISEM US1260 Datasheet HTML 4Page - UNISEM US1260 Datasheet HTML 5Page - UNISEM US1260 Datasheet HTML 6Page - UNISEM US1260 Datasheet HTML 7Page - UNISEM US1260 Datasheet HTML 8Page - UNISEM US1260 Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
US1260
3-8
Rev. 1.9
3/22/99
TYPICAL APPLICATION
TYPICAL APPLICATION
RAMBUS APPLICATION
Figure 5- Typical application of US1260 in the Rambus
™ design with the 2.5V output providing for memory
termination while 3.3V supplies the on board logic.
Notes:Rambus is trade mark of Rambus Corp.
5V
2.5V
3.3V
C1
R1
R2
R3
R4
C2
C3
US1260
1260app6-1.0
Vctrl
Vfb1
Vfb2
Gnd
Vout2
Vin
Vout1
1
2
3
4
5
6
7
U1
Ref Desig
Description
Qty
Part #
Manuf
U1
Dual LDO Regulator
1
US1260CM
Unisem
C1,C2,C3
Capacitor
3
Elect,220uF,6.3V,ECAOJFQ221
Panasonic
R1
Resistor
1
11 k
Ω , 1%, SMT , 0805
Panasonic
R2,R4
Resistor
2
10.2 k
Ω , 1%, SMT , 0805
Panasonic
R3
Resistor
1
17.8 k
Ω , 1%, SMT , 0805
Panasonic
HS1
Heat Sink
1" Square Copper Pad area if Iout2<1.2A & Iout1<0.5A
For Iout2<3A & Iout1<0.5A Use Thermalloy 6030B


Similar Part No. - US1260

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1261CM UNISEM-US1261CM Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1261CP UNISEM-US1261CP Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1261CT UNISEM-US1261CT Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
More results

Similar Description - US1260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com