Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA1A-MKW Datasheet(PDF) 7 Page - Cree, Inc

Part # CLA1A-MKW
Description  PLCC4 1 in 1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLA1A-MKW Datasheet(HTML) 7 Page - Cree, Inc

  CLA1A-MKW Datasheet HTML 1Page - Cree, Inc CLA1A-MKW Datasheet HTML 2Page - Cree, Inc CLA1A-MKW Datasheet HTML 3Page - Cree, Inc CLA1A-MKW Datasheet HTML 4Page - Cree, Inc CLA1A-MKW Datasheet HTML 5Page - Cree, Inc CLA1A-MKW Datasheet HTML 6Page - Cree, Inc CLA1A-MKW Datasheet HTML 7Page - Cree, Inc CLA1A-MKW Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8
CLD-CT1075.001
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
Fax:+1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreeLEDareregisteredtrademarksofCree,Inc.
Mechanical Dimensions
Alldimensionsareinmm.
Notes
RoHSCompliance
Thelevelsofenvironmentallysensitive,persistentbiologicallytoxic(PBT),persistentorganicpollutants(POP),or
otherwiserestrictedmaterialsinthisproductarebelowthemaximumconcentrationvalues(alsoreferredtoasthe
thresholdlimits)permittedforsuchsubstances,orareusedinanexemptedapplication,inaccordancewithEUDirec-
tive2002/95/EContherestrictionoftheuseofcertainhazardoussubstancesinelectricalandelectronicequipment
(RoHS),asamendedthroughApril21,2006.
VisionAdvisoryClaim
UsersshouldbecautionednottostareatthelightofthisLEDproduct.Thebrightlightcandamagetheeye.


Similar Part No. - CLA1A-MKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLA1A-MKW CREE-CLA1A-MKW Datasheet
842Kb / 11P
   Cree PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A-MKW-CWbYa133 MARKTECH-CLA1A-MKW-CWbYa133 Datasheet
542Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLA1A-MKW-CWbYa133 CREE-CLA1A-MKW-CWbYa133 Datasheet
842Kb / 11P
   Cree PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A-MKW-CWbYa233 MARKTECH-CLA1A-MKW-CWbYa233 Datasheet
542Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLA1A-MKW-CWbYa233 CREE-CLA1A-MKW-CWbYa233 Datasheet
842Kb / 11P
   Cree PLCC4 1 in 1 SMD LED
More results

Similar Description - CLA1A-MKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com