Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCA33A16BTB5 Datasheet(PDF) 1 Page - Dubilier

Part # DBCA33A16BTB5
Description  BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCA33A16BTB5 Datasheet(HTML) 1 Page - Dubilier

  DBCA33A16BTB5 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
217
BOARD TO BOARD/WIRE
MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material & Finish
Insulator:
PTB, glass reinforced , rated UL 9V-0
Contact:
Phosphor Bronze
Electrical Characteristics
Rating Current:
1 Amp DC
Contact Resistance:
30 mΩ max.
Insulation Resistance:
3000 MΩ min.
Dielectric Voltage:
500v AC for 1 minute
Operating Temperature: -40°C to +105°C
*Terminated with 1.27mm pitch flat ribbon cable.
Compatible with other leading manufacturers
Competitively priced
Tin plated contacts
04-26 contacts
DBC
A33A
10
B
T
Dubilier
Connectors
Series
No.ofContacts
04=04way
06=06way
08=08way
10=10way
12=12way
14=14way
16=16way
18=18way
20=20way
26=26way
ContactMaterial
B=Phosphor
Bronze
ContactPlating
T=TinPlating
Footprint
A=2.54mm
B=1.27mm
B
Colour
5=White
5
A
B
7.0
A
B
7.0
2.54
5.6
6.3
(TYPE A)
5.6
6.3
1.27
(TYPE B)
2.54
2.54
RECOMMENDED PCB LAYOUT
2.54
1.27
RECOMMENDED PCB LAYOUT
Position
A
B
4
7.59
3.81
6
10.13
6.35
8
12.67
8.89
10
15.21
11.43
12
17.75
13.97
14
20.39
16.51
16
22.83
19.05
18
25.37
21.59
20
27.91
24.13
26
35.53
31.75


Similar Part No. - DBCA33A16BTB5

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCA3304BT5 DUBILIER-DBCA3304BT5 Datasheet
114Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
DBCA3306BT5 DUBILIER-DBCA3306BT5 Datasheet
114Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
DBCA3308BT5 DUBILIER-DBCA3308BT5 Datasheet
114Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
DBCA3310BT5 DUBILIER-DBCA3310BT5 Datasheet
114Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
DBCA3312BT5 DUBILIER-DBCA3312BT5 Datasheet
114Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
More results

Similar Description - DBCA33A16BTB5

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCA33B10BT1 DUBILIER-DBCA33B10BT1 Datasheet
113Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB HEADER VERTICAL
DBCA3310BT5 DUBILIER-DBCA3310BT5 Datasheet
114Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
DBCA33C10BT1 DUBILIER-DBCA33C10BT1 Datasheet
109Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - SMT PCB HEADER STRAIGHT1
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
   1.25mm Wire-To-Board System
logo
JST Mfg. Co., Ltd.
ATLC JST-ATLC Datasheet
125Kb / 2P
   Board to wire
logo
EXCEL CELL ELECTRONIC C...
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
   2.0mm Contact Spacing, Board to Wire Dip Connectors
logo
JST Mfg. Co., Ltd.
TCUD JST-TCUD Datasheet
340Kb / 3P
   Board-to-wire
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Molex Electronics Ltd.
0250021004 MOLEX4-0250021004 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable
5054330871 MOLEX1-5054330871 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com