Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1050CD Datasheet(PDF) 4 Page - UNISEM

Part # US1050CD
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1050CD Datasheet(HTML) 4 Page - UNISEM

  US1050CD Datasheet HTML 1Page - UNISEM US1050CD Datasheet HTML 2Page - UNISEM US1050CD Datasheet HTML 3Page - UNISEM US1050CD Datasheet HTML 4Page - UNISEM US1050CD Datasheet HTML 5Page - UNISEM US1050CD Datasheet HTML 6Page - UNISEM US1050CD Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
US1050
2-36
Rev. 1.3
10/27/00
Output Voltage Setting
The US1050 can be programmed to any voltages in the
range of 1.25V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Figure 2 - Typical application of the US1050
for programming the output voltage.
The US1050 keeps a constant 1.25V between the out-
put pin and the adjust pin. By placing a resistor R1 across
these two pins a constant current flows through R1, add-
ing to the Iadj current and into the R2 resistor producing
a voltage equal to the (1.25/R1)*R2 +
Iadj*R2 which will
be added to the 1.25V to set the output voltage. This is
summarized in the above equation. Since the minimum
load current requirement of the US1050 is 10 mA , R1 is
typically selected to be 121
resistor so that it auto-
matically satisfies the minimum current requirement.
Notice that since Iadj is typically in the range of 50uA it
only adds a small error to the output voltage and should
only be considered when a very precise output voltage
setting is required. For example, in a typical 3.3V appli-
cation where R1=121
and R2=200the error due to
Iadj is only 0.3% of the nominal set point.
Load Regulation
Since the US1050 is only a 3 terminal device , it is not
possible to provide true remote sensing of the output
voltage at the load.Figure 3 shows that the best load
Figure 3 - Schematic showing connection for best load
regulation
Stability
The US1050 requires the use of an output capacitor as
part of the frequency compensation in order to make the
regulator stable. Typical designs for microprocessor ap-
plications use standard electrolytic capacitors with a
typical ESR in the range of 50 to 100 m
and an output
capacitance of 500 to 1000uF. Fortunately as the ca-
pacitance increases, the ESR decreases resulting in a
fixed RC time constant. The US1050 takes advantage of
this phenomena in making the overall regulator loop
stable.For most applications a minimum of 100uF alu-
minum electrolytic capacitor such as Sanyo MVGX se-
ries ,Panasonic FA series as well as the Nichicon PL
series insures both stability and good transient response.
regulation is achieved when the bottom side of R2 is
connected to the load and the top side of R1 resistor is
connected directly to the case or the Vout pin of the
regulator and not to the load. In fact , if R1 is connected
to the load side, the effective resistance between the
regulator and the load is gained up by the factor of (1+R2/
R1) ,or the effective resistance will be ,Rp(eff)=Rp*(1+R2/
R1).It is important to note that for high current applica-
tions, this can represent a significant percentage of the
overall load regulation and one must keep the path from
the regulator to the load as short as possible to mini-
mize this effect.
V
V
R
R
I
R
Where :
V Typically
I
lly
R
in figure
OUT
REF
ADJ
REF
ADJ
=
+


+
×
1
125
50
2
2
1
2
1
2
V
= .
=
uA Typica
& R as shown
Vout
1050app2-1.0
R1
R2
Vin
Vref
IAdj = 50uA
Adj
Vout
Vin
US1050
1050app3-1.0
R1
R2
Vin
RL
Rp
PARASITIC LINE
RESISTANCE
US1050
Adj
Vout
Vin


Similar Part No. - US1050CD

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CD UNISEM-US1050-33CD Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CM UNISEM-US1050-33CM Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CP UNISEM-US1050-33CP Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CT UNISEM-US1050-33CT Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
More results

Similar Description - US1050CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com