Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBC12.5410H Datasheet(PDF) 1 Page - Dubilier

Part # DBC12.5410H
Description  BOARD TO WIRE CONNECTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBC12.5410H Datasheet(HTML) 1 Page - Dubilier

  DBC12.5410H Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
224
BOARD TO WIRE CONNECTORS
2.54 mm PITCH
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
General
Withstand Voltage:
1000vAC/min
Insulation Resistance:
1000mΩmin
Temperature Range:
-25˚Cto+85˚C
Wafer
Material:
Post:
Brass,Tin/Plated
Base:
Nylon66,UL94V-2
Housing
Material:
Nylon66,UL94V-0
Terminal
Wire Acceptance:
22-30AWG
Material:
Brass
Finish:
Tin/plated40µ”min
Thickness:
0.2mm
2 - 20 ways
Accepts wire of 30 - 22 AWG
Housing, Wafer and Terminal Available
Current rating 3A AC, DC
Voltage rating 250VAC, DC
DBC12.54xS
DBC12.54xT
DBC12.54xH
DBC12.54PIN
Dim
mm
A
(NoWaysx2.54)+0.52
B
(Nowaysx2.54)-2.54
C
Nowaysx2.54
DBC
1
2.54
2
T
Dubilier
Connectors
Series
Pitch
2.54=2.54mm
pitch
NºofWays
2=2ways
10=10ways
etc
Style
T=TopEntry
S=SideEntry90˚
H=Housing
DBC
1
2.54
PIN
Dubilier
Connectors
Series
Pitch
2.54=2.54mm
pitch
Pin
2.2


Similar Part No. - DBC12.5410H

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.510H DUBILIER-DBC12.510H Datasheet
288Kb / 1P
   LOW PROFILE POLARISED 2.5mm PITCH
DBC12.510S DUBILIER-DBC12.510S Datasheet
288Kb / 1P
   LOW PROFILE POLARISED 2.5mm PITCH
DBC12.510T DUBILIER-DBC12.510T Datasheet
288Kb / 1P
   LOW PROFILE POLARISED 2.5mm PITCH
DBC12.52H DUBILIER-DBC12.52H Datasheet
288Kb / 1P
   LOW PROFILE POLARISED 2.5mm PITCH
DBC12.52S DUBILIER-DBC12.52S Datasheet
288Kb / 1P
   LOW PROFILE POLARISED 2.5mm PITCH
More results

Similar Description - DBC12.5410H

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Hirose Electric
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
logo
Molex Electronics Ltd.
0151350803 MOLEX1-0151350803 Datasheet
54Kb / 1P
   CLIK-Mate Wire-to-Board Connectors
5024390700 MOLEX1-5024390700 Datasheet
34Kb / 2P
   CLIK-Mate Wire-to-Board Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
   2.54 mm Wire-to-Board Connectors
03/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com