Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAU01R103M Datasheet(PDF) 1 Page - Dubilier

Part # DAU01R103M
Description  CERAMIC MULTI-LAYER AXIAL DA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DAU01R103M Datasheet(HTML) 1 Page - Dubilier

  DAU01R103M Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

OUTLINE DRAWING
CAPACITORS
CERAMIC MULTI-LAYER AXIAL DA
ORDERING INFORMATION
DIMENSIONS (mm)
SIZE CODE & CAPACITANCE (pF) AVAIL.
RS24077
NPO, X7R & Z5U dielectric
10pF to 330nF
Enhanced environmental protection coating
Lead plating 100% matte Sn
50V, 100V, 200V rated voltage
External epoxy coated body UL94V-0
Tape/ammo packing
The DA is a multi-layer ceramic capacitor range offering a wide range of values in
small body sizes. The taped axial style allows for high-speed auto-insertion.
Typical applications are in data-comms and other digital circuits.
Size Code
Length L Diameter D
WVDC
COG
X7R
Z5U
DA 01
4.32
2.54
50V
-
470-100000
10000
4.32
2.54
100V
10-1000
-
-
DA 11X
4.32
3.05
50V
47000-100000
330000-470000
L
C
D
d
P
W
T
Wt
Le
h
Quantity per reel:
6,000 pcs for AD10, AD20
5,000 pcs for AD30
All dimensions are in mm.
Temperature
-55 to +125°C (+10 to +85°C for Z5U)
Temperature Coefficient
NPO: Zero ± 30ppm/°C
X7R: ± 15% max Z5U + 22%, -56%
Item
Symbol
Dimensions
Pitch of Component
P
5.08 ± 0.51
Cumulative Tolerance of P
± 0.15
over 6 Consecutive Units
Tape Width
Wt
6.0 ± 1.0
Lead Wire Protrusion
Le
zero
Offset between Tapes
∆T
0.8 max.
Width between Tapes
W
52.4 ± 1.5
Centred
C
± 0.76
Deflection from Nominal Position
∆h
1.2 max.
Please note: Other case/capacitance variants are available on
request.
DA
U
01
R
10
M/TA
Type
Voltage
U = 50V
A = 100V
F = 200V
Case size
Dielectric
C = COG
R = X7R
W = Z5U
Value
Tol Pack
J = 5%
K = 10%
M = 20%
All parts supplied in Tape, ammo or reels.
SPECIFICATION


Similar Part No. - DAU01R103M

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DAU-15PF-F0 JAE-DAU-15PF-F0 Datasheet
217Kb / 1P
   Connector D-Subminiature
logo
Cynergy3 Co
DAUL CYNERGY3-DAUL Datasheet
277Kb / 2P
   UL Approved, Normally Open, High Voltage Relays - 10kV
More results

Similar Description - DAU01R103M

ManufacturerPart #DatasheetDescription
logo
Dubilier
DA DUBILIER-DA Datasheet
262Kb / 1P
   CERAMIC MULTI-LAYER AXIAL
logo
Panasonic Battery Group
EZJ-PZ PANASONICBATTERY-EZJ-PZ Datasheet
868Kb / 1P
   Multi-Layer Ceramic Varistors
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21A106KPFNNNE SAMSUNG-CL21A106KPFNNNE Datasheet
140Kb / 2P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com