Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS8GUSDHC6-P3 Datasheet(PDF) 9 Page - Transcend Information. Inc.

Part # TS8GUSDHC6-P3
Description  4/8GB microSDHC Class 6 Card Reader P3
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GUSDHC6-P3 Datasheet(HTML) 9 Page - Transcend Information. Inc.

Back Button TS8GUSDHC6-P3 Datasheet HTML 5Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 6Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 7Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 8Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 9Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 10Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 11Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 12Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 13Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
T
T
TS
S
S4
4
4///8
8
8G
G
GU
U
US
S
SD
D
DH
H
HC
C
C6
6
6---P
P
P3
3
3
4/8GB microSDHC Class 6 Card + Reader P3
Transcend Information Inc.
9
Output Delay time during Data Transfer Mode
tODLY
14
ns
CL ≤ 40 pF, (1 card)
Output Hold time
tOH
2.5
ns
CL ≤ 40 pF, (1 card)
Total System capacitance for each line
1
CL
40
pF
(1 card)
1) In order to satisfy severe timing, host shall drive only one card.


Similar Part No. - TS8GUSDHC6-P3

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS8GUFM-H TRANSCEND-TS8GUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS8GUFM-H TRANSCEND-TS8GUFM-H Datasheet
379Kb / 7P
   128MB~8GB USB Flash Module
More results

Similar Description - TS8GUSDHC6-P3

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GUSD-P3 TRANSCEND-TS2GUSD-P3 Datasheet
1Mb / 27P
   2GB microSD Card Reader P3
logo
List of Unclassifed Man...
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
AF128UDI ETC1-AF128UDI Datasheet
359Kb / 14P
   ATP Industrial Grade microSD/microSDHC Card Specification
logo
Panasonic Semiconductor
RP-SMTTXXDA1 PANASONIC-RP-SMTTXXDA1 Datasheet
152Kb / 2P
   microSDHC/microSDXC Memory Card, Consumer Plus MLC Model
logo
AAEON Technology
BP-204SP-P3 AAEON-BP-204SP-P3 Datasheet
44Kb / 1P
   BP-204SP-P3
logo
Infineon Technologies A...
BSO080P03NS3G INFINEON-BSO080P03NS3G Datasheet
658Kb / 9P
   OptiMOSTM3 P3-Power-Transistor
Rev.2.2 2010-05-06
BSZ180P03NS3G INFINEON-BSZ180P03NS3G Datasheet
638Kb / 9P
   OptiMOSTM P3 Power-Transistor
Rev.2.1 2009-11-16
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
logo
Yamaichi Electronics Co...
FMS006-3000-1 YAMAICHI-FMS006-3000-1 Datasheet
135Kb / 2P
   SIM Card Reader
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com