Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1075 Datasheet(PDF) 2 Page - UNISEM

Part # US1075
Description  7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1075 Datasheet(HTML) 2 Page - UNISEM

  US1075 Datasheet HTML 1Page - UNISEM US1075 Datasheet HTML 2Page - UNISEM US1075 Datasheet HTML 3Page - UNISEM US1075 Datasheet HTML 4Page - UNISEM US1075 Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US1075
2-34
Rev. 1.0
9/14/99
Note 1 : Low duty cycle pulse testing with Kelvin con-
nections are required in order to maintain accurate data.
Note 2 : Drop-out voltage is defined as the minimum
differential voltage between Vin and Vout required to main-
tain regulation at Vout. It is measured when the output
voltage drops 1% below its nominal value.
Note 3 : Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically the resistor
dividers are selected such that it automatically main-
tains this current.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin)
..................................................................
7V
Power Dissipation ............................................
Internally Limited
Storage Temperature Range ..............................
-65
°C TO 150°C
Operating Junction Temperature Range .................. 0
°C TO 150°C
PACKAGE INFORMATION
PACKAGE INFORMATION
3 PIN PLASTIC TO220 ( T )
3 PIN PLASTIC TO263 ( M )
3 PIN PLASTIC POWER FLEX ( P )
θJT=2.7°C/W θJA=60°C/W
θJA=35°C/W for 1" Square pad
θJA=35°C/W for 1" Square pad
ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Unless otherwise specified ,these specifications apply over ,Cin=1uF,Cout=10uF,and Tj=0 to 150
°C.Typical
values refer to Tj=25
°C.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
VREF
Io=10mA,Tj=25
°C,(Vin-Vo)=1.5V 1.238 1.250 1.262
V
Io=10mA, (Vin-Vo)=1.5V
1.225
1.250
1.275
Line Regulation
Io=10mA,1.3V<(Vin-Vo)<7V
0.2
%
Load Regulation (note 1)
Vin=3.3V,Vadj=0,10mA<Io<7.5A
0.4
%
Dropout Voltage
Io=7.5A
1.0
1.2
V
(note 2)
∆VO
Io=4A
0.92
1.1
Current Limit
Vin=3.3V,dVo=100mV
7.6
9
A
Minimum Load Current
Vin=3.3V,Vadj=0V
5
10
mA
(note 3)
Thermal Regulation
30 mS PULSE,Vin-Vo=3V,Io=7.5A
0.02
%/W
Ripple Rejection
f=120HZ ,Co=25uF Tan
Io=7.5A,Vin-Vo=3V
60
70
dB
Adjust Pin Current
IADJ
Io=10mA,Vin-Vo=1.5V,Tj=25
Io=10mA,Vin-Vo=1.5V
55
120
uA
Adjust Pin Current Change
Io=10mA,Vin-Vo=1.5V,Tj=25
0.2
5
uA
Temperature Stability
Vin=3.3V,Vadj=0V,Io=10mA
0.5
%
Long Term Stability
Tj=125
°C,1000 Hrs
0.3
%
RMS Output Noise
Tj=25
°C 10hz<f<10khz
0.003
%Vo
1
2
3
FRONT VIEW
Adj
Tab is
Vout
Vin
Vout
1
2
3
FRONT VIEW
Adj
Vout
Vin
Tab is
Vout
FRONT VIEW
1
3
2
Adj
Vout
Vin
Tab is
Vout


Similar Part No. - US1075

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US107 UTC-US107 Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107AHG-AF5-R UTC-US107AHG-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107AHL-AF5-R UTC-US107AHL-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107ALG-AF5-R UTC-US107ALG-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107ALL-AF5-R UTC-US107ALL-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
More results

Similar Description - US1075

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
   7.5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com