Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12M103G Datasheet(PDF) 1 Page - Dubilier

Part # 12M103G
Description  RESISTOR NETWORK SIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

12M103G Datasheet(HTML) 1 Page - Dubilier

  12M103G Datasheet HTML 1Page - Dubilier 12M103G Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
135
RESISTORS
RESISTOR NETWORK SIL
No of Pins
5
6
7
8
9
10
11
12
13
L max
12.7 15.3 17.8 20.4 22.9 25.4 28.0 30.5 33.1
ORDERING INFORMATION
RANGE & TOLERANCES
OUTLINE DRAWING
Low-profile
Epoxy dipped
5 to 13-pin
The Dubilier range of SIL networks features 2% accuracy in a low-
cost package.
The low-profile epoxy package allows the device to be used in
locations where moulded parts do not fit.
Isolated and common-terminal designs are available, allowing the
simple, reliable insertion of up to 12 resistors at once.
Parameter
Performance
Limits
Power Rating per Element
0.125W
@ 70°C
Temperature Range
-55˚ to +125°C
Derating linearly from 70°C
Resistance Range
33Ω to 1MΩ
E - 24 series
Resistance Tolerance
± 2% (G)
Temperature Coefficient
± 100 ppm/°C
50Ω ≥ 2.2MΩ
± 250ppm/˚C
<50Ω – 2.2MΩ
Max Working Voltage
100V
Max Overload Voltage
200V
L max
0.5 ± 0.1
2.54
±
0.25
9E-103G
PIN 1
Marking
2.5 max
5.2 max
3.0 ± 0.5
3.0 ± 0.1
9
E
103
G
N° Pins
5 to 13
Type
M = Isolated
E = Common
Value
3 digit code :
Last digit is
decade multiplier.
First two digits are
first digits of value.
Tolerance
2%


Similar Part No. - 12M103G

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
12M10 JUXING-12M10 Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Vishay Siliconix
12M1003JP VISHAY-12M1003JP Datasheet
132Kb / 6P
   NTC Thermistors Coated
Revision 22-Sep-04
More results

Similar Description - 12M103G

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
L091S102LF TTELEC-L091S102LF Datasheet
208Kb / 5P
   SIL Resistor Network
L101S222LF TTELEC-L101S222LF Datasheet
208Kb / 5P
   SIL Resistor Network
L061S472LF TTELEC-L061S472LF Datasheet
208Kb / 5P
   SIL Resistor Network
logo
List of Unclassifed Man...
L071S103LF ETC2-L071S103LF Datasheet
208Kb / 5P
   SIL Resistor Network
logo
TT Electronics.
L081S104LF TTELEC-L081S104LF Datasheet
208Kb / 5P
   SIL Resistor Network
L061S102LF TTELEC-L061S102LF Datasheet
208Kb / 5P
   SIL Resistor Network
L103S104LF TTELEC-L103S104LF Datasheet
208Kb / 5P
   SIL Resistor Network
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com