Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2GMMC Datasheet(PDF) 9 Page - Transcend Information. Inc.

Part # TS2GMMC
Description  MultiMediaCard
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GMMC Datasheet(HTML) 9 Page - Transcend Information. Inc.

Back Button TS2GMMC Datasheet HTML 2Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 3Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 4Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 5Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 6Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 7Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 8Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 9Page - Transcend Information. Inc. TS2GMMC Datasheet HTML 10Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GM
M
MM
M
MC
C
C
MultiMediaCard
Transcend Information Inc.
9
• Serial Access Cycle after Read
Parameter
Symbol
Min.
Unit
Remark
CE Access Time
tCEA4
285
ns
CL<=80pF
Read Cycle Time
tRC4
60
ns
CL<=80pF
RE Pulse Width
tRP4
45
ns
CL<=80pF
RE High Hold Time
tREH4
15
ns
CL<=80pF
Data Setup Time
tDS4
5(TBD)
ns
CL<=80pF
Data Hold Time
tDH4
5(TBD)
ns
CL<=80pF
Ready to RE Low
tRR4
285
ns
CL<=80pF


Similar Part No. - TS2GMMC

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GMMC4 TRANSCEND-TS2GMMC4 Datasheet
338Kb / 11P
   MMCplus memory card
More results

Similar Description - TS2GMMC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com