Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2GJFV90C Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS2GJFV90C
Description  2GB USB2.0 JetFlash?줧90C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GJFV90C Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS2GJFV90C Datasheet HTML 1Page - Transcend Information. Inc. TS2GJFV90C Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GJ
J
JF
F
FV
V
V9
9
90
0
0C
C
C
2GB USB2.0 JetFlash™V90C
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB differential signal
04
VSS
Ground
Specifications
Storage Capacity
2GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 20MB/sec (max.), Write: 6MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Non-Operating: -20oC-75oC
Certificates
CE, FCC, BSMI, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Similar Part No. - TS2GJFV90C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS2GJFV90C ETC2-TS2GJFV90C Datasheet
123Kb / 3P
   2GB USB2.0 JETFLASH
More results

Similar Description - TS2GJFV90C

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GJFV90C TRANSCEND-TS4GJFV90C Datasheet
45Kb / 2P
   4GB USB2.0 JetFlash?줧90C
TS8GJFV90C TRANSCEND-TS8GJFV90C Datasheet
45Kb / 2P
   8GB USB2.0 JetFlash?줧90C
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF185 TRANSCEND-TS2GJF185 Datasheet
54Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
List of Unclassifed Man...
TS2GJFV90C ETC2-TS2GJFV90C Datasheet
123Kb / 3P
   2GB USB2.0 JETFLASH
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS2GJFV35 TRANSCEND-TS2GJFV35 Datasheet
67Kb / 2P
   2GB USB2.0 JetFlash?줧35
TS2GJFV90P TRANSCEND-TS2GJFV90P Datasheet
44Kb / 2P
   2GB USB2.0 JetFlash?줧90P
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com