Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS250GSJ25F Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS250GSJ25F
Description  External HDD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS250GSJ25F Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS250GSJ25F Datasheet HTML 1Page - Transcend Information. Inc. TS250GSJ25F Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S
S
Sttto
o
orrre
e
eJ
J
Je
e
ettt
®
®
® 2
2
25
5
5F
F
F
External HDD
Transcend Information Inc.
2
Pinouts
Pin Identification
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Symbol
Function
USB-
USB differential signal
USB+
USB differential signal
VCC
USB Cable Power
VSS
Ground
Specifications
Environment
Storage Media
2.5 inch USB Hard Disk
Temperature
Operation
5 ℃ to 55 ℃
Storage
-20 ℃ to 60 ℃
Power Supply
USB DC 5 Volt
Power Consumption
1090mA (Max.)
Size (L x W x H)
113.78mmx80.93mmx15.00mm
Weight
163g(Max)
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or
implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in
specifications at any time without prior notice.


Similar Part No. - TS250GSJ25F

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS250GSJ25C TRANSCEND-TS250GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS250GSJ25P TRANSCEND-TS250GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
TS250GSJ25S-S TRANSCEND-TS250GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
More results

Similar Description - TS250GSJ25F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MQ03ABBXXX TOSHIBA-MQ03ABBXXX Datasheet
93Kb / 2P
   LARGE CAPACITY HDD FOR EXTERNAL STORAGE
Rev. 00
logo
Transcend Information. ...
TS0GSJ25P TRANSCEND-TS0GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
logo
Toshiba Semiconductor
MG03ACAXXX TOSHIBA-MG03ACAXXX Datasheet
593Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 00
logo
SUYIN USA, INC.
200043FR044G203ZU SUYIN-USA-200043FR044G203ZU Datasheet
103Kb / 1P
   2.00mm HDD Connector
logo
Toshiba Semiconductor
DT01ABAXXXV TOSHIBA-DT01ABAXXXV Datasheet
594Kb / 2P
   VIDEO STREAM HDD
MG04ACAXXXN TOSHIBA-MG04ACAXXXN Datasheet
171Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: January, 2018
MG07ACA TOSHIBA-MG07ACA Datasheet
194Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: December, 2018
MK8026GAX TOSHIBA-MK8026GAX Datasheet
26Kb / 3P
   (HDD2191) 80GB HDD
logo
Transcend Information. ...
TS160GSJ25M TRANSCEND-TS160GSJ25M Datasheet
90Kb / 3P
   SATA HDD Enclosure
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
   IDE HDD Enclosure
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com