Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS128MSDM80 Datasheet(PDF) 8 Page - Transcend Information. Inc.

Part # TS128MSDM80
Description  128M~2GB miniSD Memory Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS128MSDM80 Datasheet(HTML) 8 Page - Transcend Information. Inc.

  TS128MSDM80 Datasheet HTML 1Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 2Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 3Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 4Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 5Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 6Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 7Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DM
M
M8
8
80
0
0
128M~2GB miniSD Memory Card
Transcend Information Inc.
8
Output Delay time during Data Transfer Mode
tODLY
14
ns
Output Hold time
tOH
2.5
ns
Total System capacitance for each line
CL
40
pF
Reliability and Durability
Temperature
Operation: -25°C / 85°C (Target spec)
Storage: -40°C (168h) / 85°C (500h)
Junction temperature: max. 95°C
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Storage: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
Durability
10.000 mating cycles;
Bending
10N
Torque
0.15N.m or +/-2.5 deg
Drop test
1.5m free fall
UV light exposure
UV: 254nm, 15Ws/cm² according to ISO 7816-1
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities surface smoothness <=
-0.1 mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.


Similar Part No. - TS128MSDM80

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MSDM TRANSCEND-TS128MSDM Datasheet
197Kb / 6P
   numiniSD Memory Card
More results

Similar Description - TS128MSDM80

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
   miniSD Memory Card Connector
logo
PHOENIX CONTACT
1043501 PHOENIX-1043501 Datasheet
500Kb / 3P
   Program / configuration memory - SD FLASH 2GB PLCNEXT MEMORY
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
Transcend Information. ...
TS4GSDMHC TRANSCEND-TS4GSDMHC Datasheet
528Kb / 27P
   4GB High Capacity miniSD Card
logo
AiT Semiconductor Inc.
A25Q128 AITSEMI-A25Q128 Datasheet
1Mb / 58P
   MEMORY SPI NOR FLASH 128M BIT
REV1.0
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
   SD, MMC & miniSD
logo
Samsung semiconductor
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
logo
PHOENIX CONTACT
1081550 PHOENIX-1081550 Datasheet
258Kb / 6P
   Program / configuration memory - SD FLASH 2GB IDS
Dec 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com