Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9110VW-1T1RG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9110VW-1T1RG
Description  1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9110VW-1T1RG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9110VW-1T1RG Datasheet HTML 1Page - Optoway Technology Inc SPS-9110VW-1T1RG Datasheet HTML 2Page - Optoway Technology Inc SPS-9110VW-1T1RG Datasheet HTML 3Page - Optoway Technology Inc SPS-9110VW-1T1RG Datasheet HTML 4Page - Optoway Technology Inc SPS-9110VW-1T1RG Datasheet HTML 5Page - Optoway Technology Inc SPS-9110VW-1T1RG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPS-9110VW-1T1RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V2.0
1
SPS-9110VW-1T1RG
(RoHS Compliant)
1310 nm / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l Speed from 50 Mbps to 3Gbps with up to 30 km
Single-mode Fiber
l Distance up to 10 km for 3G-SDI
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l Single Transmitter with Simplex LC
l Single Receiver with Simplex LC
l Based on Industry Standard SFP
l SFF-8472 Digital Diagnostic Function
l TTL Laser Disable Input
l TTL TX_Fault Output
l TTL RX_LOS Output
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-9110VW-1T1RG is a optical single mode
transmitter/receiver module designed to transmit/receive
optical serial digital signals as defined in SMPTE 297-2006.
It supports from 50 Mbps to 3 Gbps and is specifically
designed for transmitted the SMPTE 259M, SMPTE 344M,
SMPTE 292M and SMPTE 424M SDI pathological
patterns. It is with the SFP 20-pin connector to allow hot
plug capability. Digital diagnostic functions are available
via an I
2C. It is with 1310 nm laser transmitters. The
transmitter can transmit signal from 50 Mbps to 3 Gbps
with up to 30 km of single-mode fiber. A maximum
distance of 10 km is achievable with 3Gbps pathological
signals.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9110VW-1T1RG 1-TX+1-RX 50 to 3000
1310
0 to -5
1260/1620
0 to -20
LC SFP with DMI
0 to 70
Yes
RELATED PRODUCTS
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9110VW-2TG
2-TX
50 to 3000
1310
0 to -5
LC SFP with DMI
0 to 70
Yes
SPS-9110VW-1TG
1-TX
50 to 3000
1310
0 to -5
LC SFP with DMI
0 to 70
Yes
SPS-9110VW-2RG
2-RX
50 to 3000
1260/1620 0 to -20
LC SFP with DMI
0 to 70
Yes
SPS-9110VW-1RG
1-RX
50 to 3000
1260/1620 0 to -20
LC SFP with DMI
0 to 70
Yes
LINK DISTANCE
Transmitter
Receiver
SDI
Bit Rate
Max. Link Distance (km)
3G-SDI
2.97Gbps
10
HD-SDI
1.485Gbps
21
SPS-9110VW-2TG or
SPS-9110VW-1TG or
SPS-9110VW-1T1RG
SPS-9110VW-2RG or
SPS-9110VW-1RG or
SPS-9110VW-1T1RG
SD-SDI
270Mbos
30


Similar Part No. - SPS-9110VW-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VW-1T1RG OPTOWAY-SPS-9110VW-1T1RG Datasheet
117Kb / 5P
   1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-1T1RG OPTOWAY-SPS-9110VW-1T1RG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9110VW-1T1RG OPTOWAY-SPS-9110VW-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9110VW-1T1RG_2015 OPTOWAY-SPS-9110VW-1T1RG_2015 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
More results

Similar Description - SPS-9110VW-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-7110VW-1T1RG OPTOWAY-SPS-7110VW-1T1RG Datasheet
148Kb / 6P
   1310 nm / 1.5 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9130VW-1TG OPTOWAY-SPS-9130VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1T1RG OPTOWAY-SPS-9350VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9380VW-1T1RG OPTOWAY-SPS-9380VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-7110VW-1TG OPTOWAY-SPS-7110VW-1TG Datasheet
141Kb / 5P
   1310 nm / 1.5 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-93120VW-1TG OPTOWAY-SPS-93120VW-1TG Datasheet
143Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1TG OPTOWAY-SPS-9350VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9380VW-1TG OPTOWAY-SPS-9380VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com