Electronic Components Datasheet Search |
|
SPS-9110V-1T1RG Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
SPS-9110V-1T1RG Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 6 page Optoway SPS-9110V-1T1RG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 3/1/2009 V2.0 1 SPS-9110V-1T1RG (RoHS Compliant) 1310 nm / 3 Gb/s Medium Power Optical SM Transmitter/Receiver ********************************************************************************************************************************************************************** FEATURES l SMPTE 297-2006 Compatible l Speed from 50 Mbps to 3Gbps with up to 30 km Single-mode Fiber l Distance up to 10 km for 3G-SDI l Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI l Single Transmitter with Simplex LC l Single Receiver with Simplex LC l Based on Industry Standard SFP l TTL Laser Disable Input l TTL TX_Fault Output l TTL RX_LOS Output l Single +3.3 V Power Supply l RoHS-6 Compliant l 0 to 70oC Operation l Hot Pluggable l Class 1 Laser International Safety Standard IEC-60825 Compliant APPLICATIONS l SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces l High-density Video Routers DESCRIPTION The SPS-9110V-1T1RG is a optical single mode transmitter/receiver module designed to transmit/receive optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability.. It is with 1310 nm laser transmitters. The transmitter can transmit signal from 50 Mbps to 3 Gbps with up to 30 km of single-mode fiber. A maximum distance of 10 km is achievable with 3Gbps pathological signals. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. ORDER INFORMATION TX RX P/No. Type Bit Rate (Mb/s) λ (nm) Power (dBm) λ (nm) Sen. (dBm) Package Temp ( oC) RoHS Compliant SPS-9110V-1T1RG 1-TX+1-RX 50 to 3000 1310 0 to -5 1260/1620 0 to -20 LC SFP 0 to 70 Yes RELATED PRODUCTS TX RX P/No. Type Bit Rate (Mb/s) λ (nm) Power (dBm) λ (nm) Sen. (dBm) Package Temp ( oC) RoHS Compliant SPS-9110V-2TG 2-TX 50 to 3000 1310 0 to -5 LC SFP 0 to 70 Yes SPS-9110V-1TG 1-TX 50 to 3000 1310 0 to -5 LC SFP 0 to 70 Yes SPS-9110V-2RG 2-RX 50 to 3000 1260/1620 0 to -20 LC SFP 0 to 70 Yes SPS-9110V-1RG 1-RX 50 to 3000 1260/1620 0 to -20 LC SFP 0 to 70 Yes LINK DISTANCE Transmitter Receiver SDI Bit Rate Max. Link Distance (km) 3G-SDI 2.97Gbps 10 HD-SDI 1.485Gbps 21 SPS-9110V-2TG or SPS-9110V-1TG or SPS-9110V-1T1RG SPS-9110V-2RG or SPS-9110V-1RG or SPS-9110V-1T1RG SD-SDI 270Mbos 30 |
Similar Part No. - SPS-9110V-1T1RG |
|
Similar Description - SPS-9110V-1T1RG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |