Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ51CA Datasheet(PDF) 5 Page - Transys Electronics

Part # P4SMAJ51CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

P4SMAJ51CA Datasheet(HTML) 5 Page - Transys Electronics

  P4SMAJ51CA Datasheet HTML 1Page - Transys Electronics P4SMAJ51CA Datasheet HTML 2Page - Transys Electronics P4SMAJ51CA Datasheet HTML 3Page - Transys Electronics P4SMAJ51CA Datasheet HTML 4Page - Transys Electronics P4SMAJ51CA Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P4SMAJ13C
P4SMAJ13CA
UF
UG
13.0
13.0
14.40
14.40
18.20
16.50
1
1
23.8
21.5
16.8
18.6
5
5
P4SMAJ14C
P4SMAJ14CA
P4SMAJ15C
P4SMAJ15CA
UH
UK
UL
UM
14.0
14.0
15.0
15.0
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
15.5
17.2
14.8
16.4
5
5
5
5
P4SMAJ16C
P4SMAJ16CA
P4SMAJ17C
P4SMAJ17CA
UN
UP
UQ
UR
16.0
16.0
17.0
17.0
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
13.8
15.3
13.1
14.5
5
5
5
5
P4SMAJ18C
P4SMAJ18CA
P4SMAJ20C
P4SMAJ20CA
US
UT
UU
UV
18.0
18.0
20.0
20.0
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
12.4
13.7
11.1
12.3
5
5
5
5
P4SMAJ22C
P4SMAJ22CA
P4SMAJ24C
P4SMAJ24CA
UW
UX
UY
UZ
22.0
22.0
24.0
24.0
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
10.1
11.2
9.3
10.3
5
5
5
5
P4SMAJ26C
P4SMAJ26CA
P4SMAJ28C
P4SMAJ28CA
VD
VE
VF
VG
26.0
26.0
28.0
28.0
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
8.6
9.5
8.0
8.8
5
5
5
5
P4SMAJ30C
P4SMAJ30CA
P4SMAJ33C
P4SMAJ33CA
VH
VK
VL
VM
30.0
30.0
33.0
33.0
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
7.5
8.3
6.8
7.5
5
5
5
5
P4SMAJ36C
P4SMAJ36CA
P4SMAJ40C
P4SMAJ40CA
VN
VP
VQ
VR
36.0
36.0
40.0
40.0
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
6.2
6.9
5.6
6.2
5
5
5
5
P4SMAJ43C
P4SMAJ43CA
P4SMAJ45C
P4SMAJ45CA
VS
VT
VU
VV
43.0
43.0
45.0
45.0
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
5.2
5.7
5.0
5.5
5
5
5
5
P4SMAJ48C
P4SMAJ48CA
P4SMAJ51C
P4SMAJ51CA
VW
VX
VY
VZ
48.0
48.0
51.0
51.0
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
4.7
5.2
4.4
4.9
5
5
5
5
P4SMAJ54C
P4SMAJ54CA
P4SMAJ58C
P4SMAJ58CA
WD
WE
WF
WG
54.0
54.0
58.0
58.0
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
4.2
4.6
3.9
4.3
5
5
5
5
P4SMAJ60C
P4SMAJ60CA
P4SMAJ64C
P4SMAJ64CA
WH
WK
WL
WM
60.0
60.0
64.0
64.0
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
3.7
4.1
3.5
3.9
5
5
5
5
BI-DIRECTIONAL 400 Watt Surface Mount TVS
BI-DIRECTIONAL
PART
NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P4SMAJ70C
P4SMAJ70CA
P4SMAJ75C
P4SMAJ75CA
WN
WP
WQ
WR
70.0
70.0
75.0
75.0
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
3.2
3.5
3.0
3.3
5
5
5
5
P4SMAJ78C
P4SMAJ78CA
P4SMAJ85C
P4SMAJ85CA
WS
WT
WU
WV
78.0
78.0
85.0
85.0
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
2.9
2.2
2.6
2.9
5
5
5
5
P4SMAJ90C
P4SMAJ90CA
P4SMAJ100C
P4SMAJ100CA
WW
WX
WY
WZ
90.0
90.0
100.0
100.0
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
2.5
2.7
2.2
2.5
5
5
5
5
P4SMAJ110C
P4SMAJ110CA
P4SMAJ120C
P4SMAJ120CA
XD
XE
XF
XG
110.0
110.0
120.0
120.0
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
2.0
2.3
1.9
2.0
5
5
5
5
P4SMAJ130C
P4SMAJ130CA
P4SMAJ150C
P4SMAJ150CA
XH
XK
XL
XM
130.0
130.0
150.0
150.0
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
268.0
243.0
1.7
1.9
1.5
1.6
5
5
5
5
P4SMAJ160C
P4SMAJ160CA
P4SMAJ170C
P4SMAJ170CA
XN
XP
XQ
XR
160.0
160.0
170.0
170.0
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
1.4
1.5
1.3
1.4
5
5
5
5


Similar Part No. - P4SMAJ51CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ51CA PANJIT-P4SMAJ51CA Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ51CA SURGE-P4SMAJ51CA Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Won-Top Electronics
P4SMAJ51CA WTE-P4SMAJ51CA Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ51CA PANJIT-P4SMAJ51CA Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Lunsure Electr...
P4SMAJ51CA CHENYI-P4SMAJ51CA Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results

Similar Description - P4SMAJ51CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com