Part Name
         Description
TS2GF300

 300X CompactFlash Card ( 83 Page)


TRANSCEND
100% 
Zoom Out Zoom In
 28 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
28
True IDE Multiword DMA Mode Read/Write Timing Specification
The timing diagram for True IDE DMA mode of operation in this section is drawn using the conventions in the ATA-4
specification. Signals are shown with their asserted state as high regardless of whether the signal is actually negative or positive
true. Consequently, the -IORD, the -IOWR and the -IOCS16 signals are shown in the diagram inverted from their electrical states
on the bus.
Item
Mode 0
(ns)
Mode 1
(ns)
Mode 2
(ns)
Mode 3
(ns)
Mode 4
(ns)
Note
tO
Cycle time (min)
480
150
120
100
80
1
tD
-IORD / -IOWR asserted width (min)
215
80
70
65
55
1
tE
-IORD data access (max)
150
60
50
50
45
tF
-IORD data hold (min)
5
5
5
5
5
tG
-IORD/-IOWR data setup (min)
100
30
20
15
10
tH
-IOWR data hold (min)
20
15
10
5
5
tI
DMACK to –IORD/-IOWR setup (min)
0
0
0
0
0
tJ
-IORD / -IOWR to -DMACK hold (min)
20
5
5
5
5
tKR
-IORD negated width (min)
50
50
25
25
20
1
tKW
-IOWR negated width (min)
215
50
25
25
20
1
tLR
-IORD to DMARQ delay (max)
120
40
35
35
35
tLW
-IOWR to DMARQ delay (max)
40
40
35
35
35
tM
CS(1:0) valid to –IORD / -IOWR
50
30
25
10
5
tN
CS(1:0) hold
15
10
10
10
10
tZ
-DMACK
20
25
25
25
25



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl