Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51991 Datasheet(PDF) 4 Page - Cyrustek corporation

Part # ES51991
Description  11,000 Counts ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51991 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES51991 Datasheet HTML 1Page - Cyrustek corporation ES51991 Datasheet HTML 2Page - Cyrustek corporation ES51991 Datasheet HTML 3Page - Cyrustek corporation ES51991 Datasheet HTML 4Page - Cyrustek corporation ES51991 Datasheet HTML 5Page - Cyrustek corporation ES51991 Datasheet HTML 6Page - Cyrustek corporation ES51991 Datasheet HTML 7Page - Cyrustek corporation ES51991 Datasheet HTML 8Page - Cyrustek corporation ES51991 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
06/09/20
4
ES51991
11,000 Counts ADC
Function description
1. Dual Slope A/D-Four Phases Timing
ES51991 is a dual-slope analog-to-digital converter (ADC). Figure 1 is a structure
of dual-slope integrator. Its measurement cycle has two distinct phases: input signal
integration (INT) phase and reference voltage integration (DINT) phase.
In INT phase, the input signal is integrated for a fixed time period, then A/D
enters DINT phase in which an opposite polarity constant reference voltage is
integrated until the integrator output voltage becomes to zero. Since both the time
period for input signal integration and the amount of reference voltage are fixed, thus
the de-integration time is proportional to the input signal. Hence, we can define the
mathematical equation about input signal, reference voltage integration (see Figure 1.):
×
×
×
=
×
INT
T
DINT
REF
IN
T
V
C
Buf
dt
t
V
C
Buf
0
int
1
)
(
int
1
where,
)
(t
V
IN
= input signal
REF
V
= reference voltage
INT
T
= integration time (fixed)
DINT
T
= de-integration time (proportional to
)
(t
V
IN
)
Figure 1. the structure of dual-slope integrator and its output waveform.
If
)
(t
V
IN
is a constant, we can rewrite above equation:
IN
REF
INT
DINT
V
V
T
T
×
=
RAZ
integration
time
input signal > 0
Fixed
integration
time
Variable
deintegration
time
integration
time
input signal < 0
Fixed
integration
time
Variable
deintegration
time
fixed slope
fixed slope
different
input
different
input
input
signal
reference
voltage
Buf
BufX10
Cint
integrator
output
RAZ


Similar Part No. - ES51991

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

Similar Description - ES51991

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com