Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51968 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES51968
Description  Dual Display/Inrush
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51968 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51968 Datasheet HTML 6Page - Cyrustek corporation ES51968 Datasheet HTML 7Page - Cyrustek corporation ES51968 Datasheet HTML 8Page - Cyrustek corporation ES51968 Datasheet HTML 9Page - Cyrustek corporation ES51968 Datasheet HTML 10Page - Cyrustek corporation ES51968 Datasheet HTML 11Page - Cyrustek corporation ES51968 Datasheet HTML 12Page - Cyrustek corporation ES51968 Datasheet HTML 13Page - Cyrustek corporation ES51968 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
v2.5
09/04/14
10
ES51968(6600counts)
Dual Display/Inrush
2.4 Current measurement for clampmeter
ES51968 has 2 automatic and 4 manual current measurement modes for Clampmeter. The
following table summarizes the full-scale range of each mode. When ES51968 operate in
the automatic mode1&2, it takes high input from IVSH/IVSL (higher range/lower range),
low input from SGND and reference voltage from VR. When ES51968 operates in the
manual mode1~4, It takes high input from ADP, low input from SGND and reference
voltage from VA+ and VA-.
Mode
FC1~4
1VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
0
660.0A / 6600A
IVSL/IVSH V.S. SGND (66mV)
Automatic2
1,1,1,1
0
66.00A / 660.0A
IVSL/IVSH V.S. SGND (66mV)
Manual1
1,1,0,0
X
6.600A
ADP V.S. SGND (660mV)
Manual2
1,0,0,0
X
66.00A
ADP V.S. SGND (660mV)
Manual3
1,0,1,0
X
660.0A
ADP V.S. SGND (660mV)
Manual4
1,0,0,1
X
6600A
ADP V.S. SGND (660mV)
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel. Inrush mode could be active when
VBAR=0.
2. In DC current modes for clampmeter, ES51968 provides Zero function for offset removing.
2.5 Low pass filter (LPF) mode for ACA/ACV mode
A 3rd order low-pass filter with is built in ES51968. The LPF mode is active
automatically when the input AC frequency of voltage or current is less than 500Hz. That
means if the frequency is lower, the LPF mode (3dB BW = 7.5kHz typ.) will be helpful to
filter-out the high frequency noise of the main signal. When LPFOFF (pin 114) is pulled to
V-, the LPF mode will be disabled always. For Inrush mode is active, the auto LPF is active
always even LPFOFF is enable.


Similar Part No. - ES51968

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

Similar Description - ES51968

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com