Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51963 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES51963
Description  4 1/2 DMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51963 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51963 Datasheet HTML 6Page - Cyrustek corporation ES51963 Datasheet HTML 7Page - Cyrustek corporation ES51963 Datasheet HTML 8Page - Cyrustek corporation ES51963 Datasheet HTML 9Page - Cyrustek corporation ES51963 Datasheet HTML 10Page - Cyrustek corporation ES51963 Datasheet HTML 11Page - Cyrustek corporation ES51963 Datasheet HTML 12Page - Cyrustek corporation ES51963 Datasheet HTML 13Page - Cyrustek corporation ES51963 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2003/9/1
10
ES51963
4 1/2 DMM
BufX10 / (reference voltage) = 10 k
Ω / (-100 mV)
(6) Digital Interface between ES51963 and Microprocessor
The pins, EOC, SCLK and STATUS of ES51963 are digital communicating interface
between ES51963 and microprocessor. The STATUS is bi-directional, and the others are
unilateral: EOC is from ES51963 to microprocessor and SCLK is from microprocessor to
ES51963. There are two formats for data acquisition. In format 1, ES51963 raise the logic
level of EOC to high at the duration of INT phase and DINT phase. The duration as EOC is
high represents the A-to-D conversion result. As the conversion completes and EOC become
logic low, the microprocessor may send 16 clock pulses to pin SCLK and read out the serial
data (status) on pin STATUS at the falling edge of the clock pulse. The received status
represents the polarity of conversion result and the operation mode of ES51963. The meaning
of each bit of the status received from STAUS is shown in the following table. The
sending/receiving order is S0, S1, … S15.
S15 S14 S13 S12 S11 S10 S9 S8 S7 S6 S5 S4 S3 S2 S1 S0
Sign : "H" is negative, "L" is positive.
Pmax : "H" is maximum peak value. The default is "L".
Pmin : "H" is minimum peak value. The default is "L".
LBATT : low battery detection, "H" is smaller than V12 and "L" is greater than V12
typically. The default is "L".
X10 : "H" is X10 function on. The default is "L".
PEAK : "H" is PEAK Hold function on. The default is "L".
Pcal : "H" is PEAK Hold function in calibration mode. The default is "L".
ZERO : "H" is zero calibration on. The default is "L".
C0~C2 : conversion rate selection. The default is (1, 1, 0).
B0~B2 : buzzer frequency selection. The default is (0, 1, 0).
Format : "L" is format 1, and "H" is format 2. The default is "L".
TEST : "H" is testing mode on. The default is "L".
The communication way between ES51963 and the microprocessor in format 2 is
similar to that of format 1. However in format 2, ES51963 provides the A-to-D conversion
result by a 16-bits output count instead of the duration of EOC. ES51963 raises the logic level
of EOC high at the duration of ZI phase. As the conversion completes and EOC becomes low,
the microprocessor sends 32 clock pulses to pin SCLK and read the values of output count and


Similar Part No. - ES51963

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

Similar Description - ES51963

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
logo
Maxim Integrated Produc...
MAX134CMH MAXIM-MAX134CMH Datasheet
982Kb / 20P
   3 3/4 Digit DMM Circuit
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com