Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51927 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES51927
Description  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51927 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES51927 Datasheet HTML 2Page - Cyrustek corporation ES51927 Datasheet HTML 3Page - Cyrustek corporation ES51927 Datasheet HTML 4Page - Cyrustek corporation ES51927 Datasheet HTML 5Page - Cyrustek corporation ES51927 Datasheet HTML 6Page - Cyrustek corporation ES51927 Datasheet HTML 7Page - Cyrustek corporation ES51927 Datasheet HTML 8Page - Cyrustek corporation ES51927 Datasheet HTML 9Page - Cyrustek corporation ES51927 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Ver 2.7
6
07/10/03
ES51927
6000 Counts Smart DMM
Functional Description
1. Operation Modes
1.1 Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in
voltage measurement mode. The following table summarizes the full-scale ranges
in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
600.0mV*
1
VR1 (10MΩ)
VR2
6.000V**
1/10
VR2 (1.111MΩ)
VR3
60.00V
1/100
VR3 (101KΩ)
VR4
600.0V
1/1000
VR4 (10KΩ)
VR5
1000V***
1/10000
VR5 (1KΩ)
Note:
* Exists in manual mode only by RANGE key control
**This range is the default range for auto range & auto scan mode
*** Depends on CESEL selection
1.1.1 OL selection
ES51927 has a OL display selection feature archived by configuring a CESEL
pin. If pin CESEL is connected to V-, ES51927 will have a 600.0V overflow
level in DC and AC 600.0V ranges. And the 1000V range will not occur
anymore. If pin CESEL is connected to DGND, the ES51927 will have a 1010V
overflow level in DCV mode and have a 1010V overflow level in ACV mode
also. When CE is floating, a 1500V overflow level in DCV mode but ACV is
still 1010V overflow level. The meter will Show OL when the measuring signal
reaches the overflow level with beeper warning. The configuration of CESEL is
listed below.
CESEL
DCV
ACV
V-
600.0V
600.0V
DGND
1010V
1010V
Floating
1500V
1010V


Similar Part No. - ES51927

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
More results

Similar Description - ES51927

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com