Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51918P Datasheet(PDF) 9 Page - Cyrustek corporation

Part # ES51918P
Description  11,000 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51918P Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES51918P Datasheet HTML 5Page - Cyrustek corporation ES51918P Datasheet HTML 6Page - Cyrustek corporation ES51918P Datasheet HTML 7Page - Cyrustek corporation ES51918P Datasheet HTML 8Page - Cyrustek corporation ES51918P Datasheet HTML 9Page - Cyrustek corporation ES51918P Datasheet HTML 10Page - Cyrustek corporation ES51918P Datasheet HTML 11Page - Cyrustek corporation ES51918P Datasheet HTML 12Page - Cyrustek corporation ES51918P Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
v1.08
06/04/03
9
ES51918
11,000 Counts Auto DMM
1.1.5 The true RMS-to-DC conversion with ES7
If ES7 is used for true RMS-to-DC measurement, the test circuit is shown in Figure 2.
Make ADO and ADI pin short, and TEST5 pin keeps float. Connect OVSG pin to
AGND through a switch in ACV measurement mode. If the DCV and ACV
measurement modes are in the same rotary switch, please also add this switch in the
rotary switch. The configuration of this switch will not influence the precision of DCV
measurement.
Figure 3. True RMS-to-DC conversion with ES7
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
1.111M
101K
10K
1K
99.5
AGND
ACV
AGND
1
2
3
4
8
7
6
5
2.2u
+
+Vs
AGND
-Vs
100K
1.5K
-Vs
N1
N2
AGND
+Vs -Vs
2
3
1
5
4
7
6
AGND
1u
+
47K
TL061
30K
10K
AGND
ADI
ADO
ADOHZ
PWD
OP-
OP+
OPO
AGND
10K
30K
0.1u
AGND
+Vs
+Vs
-Vs
4.7u
Note: The filter capacitors for +Vs
and -Vs are recommended to near to
the power terminals of ES7 and
external OPAMP.


Similar Part No. - ES51918P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
More results

Similar Description - ES51918P

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com