Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1TSJ35U Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS1TSJ35U
Description  Works with all 3.5??SATA hard drives
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1TSJ35U Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS1TSJ35U Datasheet HTML 1Page - Transcend Information. Inc. TS1TSJ35U Datasheet HTML 2Page - Transcend Information. Inc. TS1TSJ35U Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
TS
S
S0
0
0///5
5
50
0
00
0
0G
G
G///1
1
1///1
1
15
5
5T
T
TS
S
SJ
J
J3
3
35
5
5U
U
U
StoreJet
® 35 Ultra
Transcend Information Inc.
1
Description
Placement
Transcend’s StoreJet
®
35 Ultra. This advanced,
eSATA / USB 2.0 external storage device is the perfect
way to add an extra hard drive to your computer for
downloading, storing, transferring and backing up your
data. With both eSATA and USB 2.0 connection
options, the StoreJet
® 35 Ultra gives you the ultimate in
flexibility. The USB interface provides maximum
compatibility with all types of notebooks and PCs, while
the new high-speed eSATA interface gives you the
maximum performance possible from your drive with
transfer speeds up to 3.0Gbps. The StoreJet
® 35 Ultra
also has silent 80mm fan that keeps your drive running
cool. This device is designed to expedite exchanging
huge amounts of data between Transcend StoreJet
®
and any desktop or notebook computer.
Features
Works with all 3.5” SATA hard drives
Two connection options: eSATA or USB2.0
eSATA for maximum performance up to 3.0Gb/s
USB2.0 interface assures universal compatibility
Silent 80mm cooling fan reduces risk of HDD failure
Dimensions
External power adapter and eSATA cable included
Includes StoreJet® elite backup software
Hot-swappable / Plug and Play
Stylish aluminum housing
• Anti-slip vertical stand
Side
Millimeters
Inches
A
197.50
± 0.20
7.776
± 0.008
B
127.50
± 0.20
5.020
± 0.008
C
48.00
± 0.20
1.890
± 0.008
• LED indicator light


Similar Part No. - TS1TSJ35U

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS1TSJ35T TRANSCEND-TS1TSJ35T Datasheet
97Kb / 3P
   SATA HDD Enclosure
More results

Similar Description - TS1TSJ35U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
AAEON Technology
9741686004 AAEON-9741686004 Datasheet
167Kb / 1P
   Supports 3.5??SATA Interface Hard Disk
logo
Tripp Lite. All Rights ...
U339-004 TRIPPLITE-U339-004 Datasheet
168Kb / 4P
   4-Bay USB 3.0/eSATA to SATA Docking Station with Cloning, 2.5 in. to 3.5 in. SATA Hard Drives
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
logo
Tripp Lite. All Rights ...
U338-06N-SATA-B TRIPPLITE-U338-06N-SATA-B Datasheet
169Kb / 3P
   USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Black
U338-06N-SATA-W TRIPPLITE-U338-06N-SATA-W Datasheet
167Kb / 3P
   USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, White
U357002 TRIPPLITE-U357002 Datasheet
513Kb / 2P
   USB 3.0 SuperSpeed 2 Bay SATA Hard Drive RAID Enclosure w Fan for 3.5 and 2.5 drives
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com