Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC54VN2102EZB Datasheet(PDF) 5 Page - Microchip Technology

Part # TC54VN2102EZB
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VN2102EZB Datasheet(HTML) 5 Page - Microchip Technology

  TC54VN2102EZB Datasheet HTML 1Page - Microchip Technology TC54VN2102EZB Datasheet HTML 2Page - Microchip Technology TC54VN2102EZB Datasheet HTML 3Page - Microchip Technology TC54VN2102EZB Datasheet HTML 4Page - Microchip Technology TC54VN2102EZB Datasheet HTML 5Page - Microchip Technology TC54VN2102EZB Datasheet HTML 6Page - Microchip Technology TC54VN2102EZB Datasheet HTML 7Page - Microchip Technology TC54VN2102EZB Datasheet HTML 8Page - Microchip Technology TC54VN2102EZB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 5
TC54
3.0
DETAILED DESCRIPTION
In normal steady-state operation when VIN > VDET –,
the output will be at a logic-high (see Figure 3-1). In
the case of the TC54VN, this is an open-drain
condition. If the input falls below VDET –, the output
will pull down (Logic 0) to VSS. Generally, VOUT can
pull down to within 0.5V of VSS at rated output current
and input voltage. (See Section 1.0 “Electrical
Characteristics”).
The output (VOUT) will stay valid until the input voltage
falls below the minimum operating voltage (VINMIN) of
0.7V. Below this minimum operating voltage the output
is undefined. During power-up (or anytime VIN has
fallen below VINMIN), VOUT will remain undefined until
VIN rises above VINMIN. Once this occurs, the output
will become valid. VOUT will be in its active-low state,
while VINMIN < VIN < VDET+ (therefore, VDET+ = VDET
+ VHYST). If the input rises above VDET+, the output will
assume its inactive state (high for TC54VC, open-drain
for TC54VN).
FIGURE 3-1:
Timing Diagram.
VIN
Detect Voltage VDET
Minimum Operating
Voltage
VHYST
VDET +
Output Voltage
Release Voltage
or RESET Voltage
Ground Level
Ground Level
VOUT


Similar Part No. - TC54VN2102EZB

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC54VN2102EZB TELCOM-TC54VN2102EZB Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54VN2102EZB713 MICROCHIP-TC54VN2102EZB713 Datasheet
257Kb / 20P
   Voltage Detector
05/02/11
logo
TelCom Semiconductor, I...
TC54VN2102EZBRTP TELCOM-TC54VN2102EZBRTP Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
TC54VN2102EZBSTP TELCOM-TC54VN2102EZBSTP Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
More results

Similar Description - TC54VN2102EZB

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com