Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16831ATJ+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16831ATJ+
Description  High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16831ATJ+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16831ATJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 13Page - Maxim Integrated Products MAX16831ATJ+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
The MAX16831 features a differential high-side level
shifter to drive an external n-channel MOSFET for dim-
ming. Wide contrast “pulsed” dimming (1000:1) is pos-
sible by applying either a low-frequency PWM input
signal or a DC voltage to the dimming input (DIM).
Protection features include peak current limiting,
HICCUP mode current limiting, output overvoltage pro-
tection, short-circuit protection, and thermal shutdown.
The HICCUP current-limit circuitry reduces the power
delivered to the load during severe fault conditions.
Nonlatching overvoltage protection limits the voltage on
the external switching MOSFET (QS) under open-circuit
conditions in the LED string. During continuous opera-
tion at high input voltages, the power dissipation of the
MAX16831 could exceed the maximum rating and an
internal thermal shutdown circuitry safely turns off the
MAX16831 when the device junction temperature
exceeds +165°C. When the junction temperature drops
below the hysteresis temperature, the MAX16831 auto-
matically re-initiates startup.
Undervoltage Lockout/Enable
The MAX16831 features a dual-purpose adjustable
UVLO input and enable function. Connect UVEN to VCC
through a resistive voltage-divider to set the undervolt-
age lockout (UVLO) threshold. The MAX16831 is
enabled when the UVEN exceeds the 1.244V (typ)
threshold. Drive UVEN to ground to disable the output.
Setting the UVLO Threshold
The MAX16831 features a programmable UVLO thresh-
old. Connect UVEN directly to VCC to select the default
6.0V (max) UVLO threshold. Connect UVEN to VCC
through a resistive voltage-divider to select a UVLO
threshold (Figure 1). Calculate resistor values as follows:
where RUV1 + RUV2 ≤ 270kΩ, VUVEN is the 1.244V (typ)
threshold voltage, and VUVLO is the desired UVLO
threshold in volts at VCC (Figure 1).
The capacitor, CUVEN, is required to prevent chattering
at the UVLO threshold due to line impedance drops
during power-up and dimming. If the undervoltage set-
ting is very close to the required minimum operating
voltage, then there can be jumps in the voltage at VCC
during dimming, which may cause the MAX16831 to
turn on and off when the dimming signal transitions
from low to high. The capacitor, CUVEN, should be
large enough to limit the ripple on UVEN to less than
the 100mV (min) UVEN hysteresis so that the device
does not turn off under these circumstances.
Soft-Start
The MAX16831 includes a factory-set 4ms (typ) soft-
start delay that allows the load current to ramp up in a
controlled manner, minimizing output overshoot. Soft-
start begins once the device is enabled and VCC
exceeds the UVLO threshold. Soft-start circuitry slowly
increases the internal soft-start voltage, VSS, resulting
in a controlled rise of the load current. Signals applied
to DIM are ignored until the soft-start duration is com-
plete and a successive delay of 200µs has elapsed.
Internal Regulators
The MAX16831 includes a fixed 5V voltage regulator
REG1, a 7V voltage regulator REG2, and an internal 8V
regulator CLMP. REG1 and REG2 power up when VCC
exceeds the UVLO threshold. REG1 supplies power to
internal circuitry and remains on during PWM dimming.
It is capable of driving external loads up to 2mA.
REG2 is capable of delivering up to 20mA of current.
Connect REG2 to DRI to generate the supply voltage
for the primary switching MOSFET driver, DRV.
CLMP is powered by HI and supplies power to the cur-
rent-sense amplifier (CSA). CSA is enabled when
VCLMP goes 2.5V above VLO and is disabled when
(VCLMP - VLO) falls below 2.28V. The CLMP regulator
also provides power to the dimming MOSFET control
circuitry. CLMP is the output of the CLMP regulator. Do
not use CLMP to power external circuitry. Bypass
CLMP to LO with a 0.1µF ceramic capacitor. A larger
capacitor will result in overshoots of the load current.
RR
V
VV
UV
UV
UVEN
UVLO
UVEN
12
⎝⎜
⎠⎟
-
High-Voltage, High-Power LED Driver with
Analog and PWM Dimming Control
10
______________________________________________________________________________________
MAX16831
VCC
UVEN
QGND
RUV2
RUV1
CUVEN
VIN
Figure 1. Setting the UVLO Threshold


Similar Part No. - MAX16831ATJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831ATJ++ MAXIM-MAX16831ATJ+ Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
More results

Similar Description - MAX16831ATJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com