Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16831 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16831
Description  High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16831 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16831 Datasheet HTML 1Page - Maxim Integrated Products MAX16831 Datasheet HTML 2Page - Maxim Integrated Products MAX16831 Datasheet HTML 3Page - Maxim Integrated Products MAX16831 Datasheet HTML 4Page - Maxim Integrated Products MAX16831 Datasheet HTML 5Page - Maxim Integrated Products MAX16831 Datasheet HTML 6Page - Maxim Integrated Products MAX16831 Datasheet HTML 7Page - Maxim Integrated Products MAX16831 Datasheet HTML 8Page - Maxim Integrated Products MAX16831 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
High-Voltage, High-Power LED Driver with
Analog and PWM Dimming Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = VUVEN = 14V, CREG1 = 1µF, CREG2 = 1µF, CCLMP = 0.1µF, RT = 25kΩ, TA = TJ = -40°C to +125°C, unless otherwise noted.
Typical specifications are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, HI, LO, CLMP to QGND .................................-0.3V to +80V
CS+, CS-, DGT, UVEN to QGND............................-0.3V to +80V
UVEN to QGND ..........................................-0.3V to (VCC + 0.3V)
DRV to SGND .........................................................-0.3V to +18V
DRI, REG2, DIM to AGND ......................................-0.3V to +18V
QGND, SGND to AGND ........................................-0.3V to +0.3V
SNS+ to SNS- ...........................................................-0.3V to +6V
CS, FB, COMP, SNS+, SNS-, OV, REF,
RTSYNC to AGND .................................................-0.3V to +6V
REG1, CLKOUT to AGND ........................................-0.3V to +6V
CS+ to CS- .............................................................-0.3V to +12V
HI to LO ..................................................................-0.3V to +36V
CS+, CS-, DGT, CLMP to LO .................................-0.3V to +12V
CS+, CS-, DGT, CLMP to LO ........................-0.3V to (HI + 0.3V)
HI to CLMP .............................................................-0.3V to +28V
Continuous Power Dissipation* (TA = +70°C)
32-Pin TQFN (derate 34.5mW/°C above +70°C) ........2758mW
Thermal Resistance*
θJA.................................................................................29°C/W
θJC................................................................................1.7°C/W
Operating Temperature Range .........................-40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Reflow Temperature.........................................................+240°C
Lead Temperature (soldering, 10s) .................................+300°C
*As per JEDEC 51 standard, multilayer board (PCB).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VCC
5.5
76.0
V
Supply Current
IQ
IREG2 = 0A
2.7
4.5
mA
Shutdown Current
ISHDN
VUVEN
≤ 0.8V
25
45
µA
UVEN
VCC_R
VCC rising
5.5
6.0
VCC UVLO Threshold
VCC_F
VCC falling
5.0
5.5
V
VCC Threshold Hysteresis
VCC_HYS
0.4
V
VUVR
VUVEN rising
1.100
1.244
1.360
UVEN Threshold
VUVF
VUVEN falling
1.000
1.145
1.260
V
UVEN Input Current
IUVEN
VUVEN = 0V and VUVEN = 76V, VCC = 77V
-0.2
+0.2
µA
REGULATORS
0
≤ IREG1 ≤ 2mA, 7.5V ≤ VCC ≤ 76V
4.75
5.00
5.25
REG1 Regulator Output
VREG1
IREG1 = 2mA, VCC = 5.7V
4.00
4.50
5.25
V
REG1 Dropout Voltage
IREG1 = 2mA (Note 1)
0.5
1.0
V
REG1 Load Regulation
ΔV/ΔIVCC = 7.5V, 0 ≤ IREG1 ≤ 2mA
25
Ω
7.5V
≤ VCC ≤ 76V, IREG2 = 1mA
6.65
7.00
7.35
REG2 Regulator Output
VREG2
VCC = 5.7V, 0
≤ IREG2 ≤ 20mA
4.5
5.0
V
REG2 Dropout Voltage
IREG2 = 20mA (Note 1)
0.5
V
REG2 Load Regulation
ΔV/ΔIVCC = 7.5V, 0 ≤ IREG2 ≤ 20mA
25
Ω
HIGH-SIDE REGULATOR (CLMP) (All Voltages Referred to LO) (Note 2)
CLMP UVLO Threshold
VCLMPTH
VCLMP rising
2.0
2.5
3.0
V
CLMP UVLO Threshold
Hysteresis
VCLMPHYS
0.22
V


Similar Part No. - MAX16831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831 Datasheet
180Kb / 9P
   MAX16831 Evaluation Kit
Rev 1; 10/08
MAX16831ATJ++ MAXIM-MAX16831ATJ+ Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831EVKIT MAXIM-MAX16831EVKIT Datasheet
180Kb / 9P
   MAX16831 Evaluation Kit
Rev 1; 10/08
More results

Similar Description - MAX16831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com