Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5290 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA5290
Description  17.7-24GHz Medium Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5290 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA5290 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHA5290
18-24GHz Medium Power Amplifier
Ref. DSCHA52902295 -22-Oct.-02
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd = 6V Id =400mA
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
17.7
24
GHz
G
Small signal gain (1)
24
26
dB
∆G
Small signal gain flatness (1)
±1
dB
Is
Reverse isolation
40
dB
P1dB
Pulsed output power at 1dB compression (1)
25
26
dBm
P03
Output power at 3dB gain compression (1)
27
dBm
PAE
Power added efficiency at 1dB comp.
18
%
VSWRin
Input VSWR (2)
3:1
VSWRout
Output VSWR (2)
3:1
Tj
Junction temperature for 80°C backside
165
°C
Id
Bias current @ small signal
400
500
mA
(1) These values are representative for pulsed on-wafer measurements that are made without
bonding wires at the RF ports.
(2) Value representative for CW on jig measurement.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Maximum drain bias voltage with Pin max=-2dBm
6.25
V
Id
Maximum drain bias current
625
mA
Vg
Gate bias voltage
-2.5 to +0.4
V
Ig
Gate bias current
-2.5 to +2.5
mA
Vgd
Minimum negative gate drain voltage ( Vg - Vd)
-8
V
Pin
Maximum input power overdrive (2)
3
dBm
Tch
Maximum channel temperature
175
°C
Ta
Operating temperature range
-40 to +80
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.


Similar Part No. - CHA5290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5292A UMS-CHA5292A Datasheet
130Kb / 6P
   37-40GHz Medium Power Amplifier
CHA5292A-99F/00 UMS-CHA5292A-99F/00 Datasheet
130Kb / 6P
   37-40GHz Medium Power Amplifier
CHA5293A UMS-CHA5293A Datasheet
149Kb / 7P
   17-24GHz High Power Amplifier
CHA5293A UMS-CHA5293A Datasheet
228Kb / 8P
   17-24GHz High Power Amplifier
CHA5293A-99F/00 UMS-CHA5293A-99F/00 Datasheet
149Kb / 7P
   17-24GHz High Power Amplifier
More results

Similar Description - CHA5290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
CHA5350-99F UMS-CHA5350-99F_15 Datasheet
402Kb / 12P
   17-24GHz Medium Power Amplifier
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
   17.7 - 19.7GHz Power Amplifier
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
   17.7-23.6GHz Power Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
Eudyna Devices Inc
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
United Monolithic Semic...
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
   17-24GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com